データシートサーチシステム |
|
3-1376392-4 データシート(PDF) 3 Page - Tyco Electronics |
|
3-1376392-4 データシート(HTML) 3 Page - Tyco Electronics |
3 / 98 page 137 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued) AMP Soft Shell Pin and Socket Connectors Material and Finish Pre-tinned Copper Alloy Receptacle Contacts Material and Finish UL94V-0, 6/6 Nylon, glass filled, Black Double Lock Plates Section X-X Receptacle Contact Applicator AWG mm2 Wire Ins. Dia. Part No. Part No. 24~20 0.22~0.53 1.89~2.7 1376348-1 (Strip Form) * 20~16 0.5~1.25 2.0~3.1 1376347-1 (Strip Form) * * Contact the Tooling Assistance Center (TAC) at 1-800-722-1111 for Applicator Part Number. Note: Dimensions shown are metric. Note: All part numbers are RoHS Compliant. Wire Range Double Lock Plate Applicable No. of Pos. AB Part No. Plug Part No. 2 13.5 5 1376394-1 -1376388- -1376392- 3 18.5 10 1376395-1 -1376389- -1376393- 4 23.5 15 1376396-1 -1376390- 6 33.5 25 1376397-1 -1376391- * Contact the Tooling Assistance Center (TAC) for Applicator Part Number. Note: Dimensions shown are metric. Note: All part numbers are RoHS Compliant. Dimensions (Double Lock Plate) |
同様の部品番号 - 3-1376392-4 |
|
同様の説明 - 3-1376392-4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |