データシートサーチシステム |
|
ADF04STTR データシート(PDF) 7 Page - Tyco Electronics |
|
ADF04STTR データシート(HTML) 7 Page - Tyco Electronics |
7 / 326 page AD Series A7 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount .055 (1.40) TYP. 1 On 2 3 4 5 6 7 8 L .100 (2.54) TYP. .142 (3.61) .040 (1.00) .366 (9.30) .031 (0.80) TYP. .300 (7.50) .050 (1.30) .055 (1.40) 0¡-8¡ .037 (0.94) .024 (0.61) .062 (1.57) S Termination Shown FEATURES: • Available in PC or surface mount termination. • High pressure wiping contact allows aqueous or solvent cleaning without tape seal. • Auto-insertable • Tape Seal version available for vacuum pick-n-place • Unique design can withstand vapor phase reflow or wave soldering conditions. • Gas tight contacts • Shipped in the off position ENVIRONMENTAL SPECIFICATIONS: Operating Temperature ........-30°C to + 85°C Storage Temperature ............-45°C to + 100°C Solder Heat Resistance..........245°C ± 5°C with switch in “off” position 30 seconds when mounted on a .060” thick PCB per MIL-STD202, Method 210 Cleaning......................................Aqueous solution or solvent MATERIAL SPECIFICATIONS: Base and Cover ......................PPS-UL94V-0, (Black) Actuator..................................PA6T-UL94V-0, (White) Fixed Contact/Terminal ........Copper alloy plate-solder/copper Moving Contact ....................Copper alloy plate-gold/nickel TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ......................0.4 VA @ 20 VDC max. Max Rating Switching–100 Milliamp @ 24VDC Min Rating Switching–1 Microamp @ 1 Millivolt Max Rating Non Switching–1 Amp @ 5VDC Initial Contact Resistance ......50 Milliohms max. Insulation Resistance ............1,000 Megohms min. @ 100 VDC Dielectric Strength ................500 VAC Operating Force ....................Less than 800 grams Actuator Travel ......................AD/R Series 1.30mm/.050” piano style 25° Life Expectancy ....................1,000 Cycles ADE PC Term. "S" Term. "SA" Term. No. of Actuator Dim. Tyco Alcoswitch Tyco Alcoswitch Tyco Alcoswitch Positions Style L Electronics Electronics Electronics 1437586-2 ADE02 1437586-4 ADE02S 1437586-5 ADE02SA 2 Slide .278(7.06) 1437586-7 ADE03 1437586-8 ADE03S — ADE03SA 3 Slide .378(9.60) 1-1437586-0 ADE04 1-1437586-2 ADE04S 1-1437586-3 ADE04SA 4 Slide .478(12.14) 1-1437586-5 ADE05 1-1437586-7 ADE05S — ADE05SA 5 Slide .578(14.68) 1-1437586-8 ADE06 2-1437586-0 ADE06S 2-1437586-1 ADE06SA 6 Slide .678(17.22) 2-1437586-3 ADE07 2-1437586-5 ADE07S — ADE07SA 7 Slide .778(19.76) 2-1437586-6 ADE08 2-1437586-8 ADE08S 2-1437586-9 ADE08SA 8 Slide .878(22.30) 3-1437586-0 ADE09 — ADE09S — ADE09SA 9 Slide .978(24.84) 3-1437586-2 ADE10 3-1437586-7 ADE10S — ADE10SA 10 Slide 1.078(27.38) 3-1437586-8 ADE12 1571337-1 ADE12S — ADE12SA 12 Slide 1.278(32.51) ADE08 See Page A9 for PC Pad Layout. Extended Actuator No Tape Seal Required PC S SA |
同様の部品番号 - ADF04STTR |
|
同様の説明 - ADF04STTR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |