データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD592CNZ データシート(PDF) 5 Page - Analog Devices

部品番号 AD592CNZ
部品情報  Low Cost, Precision IC Temperature Transducer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD592CNZ データシート(HTML) 5 Page - Analog Devices

  AD592CNZ Datasheet HTML 1Page - Analog Devices AD592CNZ Datasheet HTML 2Page - Analog Devices AD592CNZ Datasheet HTML 3Page - Analog Devices AD592CNZ Datasheet HTML 4Page - Analog Devices AD592CNZ Datasheet HTML 5Page - Analog Devices AD592CNZ Datasheet HTML 6Page - Analog Devices AD592CNZ Datasheet HTML 7Page - Analog Devices AD592CNZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD592
REV. A
–5–
+V
AD592
R
100
950
VOUT = 1mV/K
Figure 4. Basic Voltage Output (Single Temperature Trim)
To trim the circuit the temperature must be measured by a ref-
erence sensor and the value of R should be adjusted so the out-
put (VOUT) corresponds to 1 mV/K. Note that the trim
procedure should be implemented as close as possible to the
temperature highest accuracy is desired for. In most applications
if a single temperature trim is desired it can be implemented
where the AD592 current-to-output voltage conversion takes
place (e.g., output resistor, offset to an op amp). Figure 5 illus-
trates the effect on total error when using this technique.
AFTER SINGLE
TEMPERATURE
CALIBRATION
ACCURACY
WITHOUT TRIM
+1.0
+0.5
–25
+105
+25
0
–0.5
–1.0
TEMPERATURE – oC
Figure 5. Effect of Scale Factor Trim on Accuracy
If greater accuracy is desired, initial calibration and scale factor
errors can be removed by using the AD592 in the circuit of
Figure 6.
8.66k
R1
1k
97.6k
R2
5k
7.87k
AD741
VOUT = 100mV/
oC
+5V
AD1403
V–
AD592
Figure 6. Two Temperature Trim Circuit
With the transducer at 0
°C adjustment of R1 for a 0 V output
nulls the initial calibration error and shifts the output from K to
°C. Tweaking the gain of the circuit at an elevated temperature
by adjusting R2 trims out scale factor error. The only error
remaining over the temperature range being trimmed for is
nonlinearity. A typical plot of two trim accuracy is given in
Figure 7.
SUPPLY VOLTAGE AND THERMAL ENVIRONMENT
EFFECTS
The power supply rejection characteristics of the AD592 mini-
mizes errors due to voltage irregularity, ripple and noise. If a
supply is used other than 5 V (used in factory trimming), the
power supply error can be removed with a single temperature
trim. The PTAT nature of the AD592 will remain unchanged.
The general insensitivity of the output allows the use of lower
cost unregulated supplies and means that a series resistance of
several hundred ohms (e.g., CMOS multiplexer, meter coil
resistance) will not degrade the overall performance.
+2.0
+1.0
–25
+105
+25
0
–1.0
–2.0
TEMPERATURE – oC
0
+75
Figure 7. Typical Two Trim Accuracy
The thermal environment in which the AD592 is used deter-
mines two performance traits: the effect of self-heating on accu-
racy and the response time of the sensor to rapid changes in
temperature. In the first case, a rise in the IC junction tempera-
ture above the ambient temperature is a function of two vari-
ables; the power consumption level of the circuit and the
thermal resistance between the chip and the ambient environ-
ment (
θ
JA). Self-heating error in
°C can be derived by multiply-
ing the power dissipation by
θ
JA. Because errors of this type can
vary widely for surroundings with different heat sinking capaci-
ties it is necessary to specify
θ
JA under several conditions. Table
I shows how the magnitude of self-heating error varies relative
to the environment. In typical free air applications at +25
°C
with a 5 V supply the magnitude of the error is 0.2
°C or less. A
common clip-on heat sink will reduce the error by 25% or more
in critical high temperature, large supply voltage situations.
Table I. Thermal Characteristics
Medium
θ
JA (°C/watt)
τ (sec)*
Still Air
Without Heat Sink
175
60
With Heat Sink
130
55
Moving Air
Without Heat Sink
60
12
With Heat Sink
40
10
Fluorinert Liquid
35
5
Aluminum Block**
30
2.4
NOTES
*
τ is an average of five time constants (99.3% of final value). In cases where the
thermal response is not a simple exponential function, the actual thermal re-
sponse may be better than indicated.
**With thermal grease.


同様の部品番号 - AD592CNZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD592CN AD-AD592CN Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results

同様の説明 - AD592CNZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
TMP17 AD-TMP17 Datasheet
317Kb / 8P
   Low Cost, Current Output Temperature Transducer
REV. 0
logo
Zentrum Mikroelektronik...
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
   High Precision, Rapid Response, Low Cost Temperature Sensor IC
logo
Analog Devices
AD1403N AD-AD1403N Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
logo
Zentrum Mikroelektronik...
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
   Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com