データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD847AR データシート(PDF) 9 Page - Analog Devices

部品番号 AD847AR
部品情報  High Speed, Low Power Monolithic Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD847AR データシート(HTML) 9 Page - Analog Devices

Back Button AD847AR Datasheet HTML 4Page - Analog Devices AD847AR Datasheet HTML 5Page - Analog Devices AD847AR Datasheet HTML 6Page - Analog Devices AD847AR Datasheet HTML 7Page - Analog Devices AD847AR Datasheet HTML 8Page - Analog Devices AD847AR Datasheet HTML 9Page - Analog Devices AD847AR Datasheet HTML 10Page - Analog Devices AD847AR Datasheet HTML 11Page - Analog Devices AD847AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD847
REV. F
–9–
OFFSET NULLING
The input offset voltage of the AD847 is very low for a high
speed op amp, but if additional nulling is required, the circuit
shown in Figure 21 can be used.
Figure 21. Offset Nulling
INPUT CONSIDERATIONS
An input resistor (RIN in Figure 20) is required in circuits where
the input to the AD847 will be subjected to transient or con-
tinuous overload voltages exceeding the
±6 V maximum differ-
ential limit. This resistor provides protection for the input
transistors by limiting the maximum current that can be forced
into their bases.
For high performance circuits it is recommended that a resistor
(RB in Figures 19 and 20) be used to reduce bias current errors
by matching the impedance at each input. The offset voltage er-
ror will be reduced by more than an order of magnitude.
THEORY OF OPERATION
The AD847 is fabricated on Analog Devices’ proprietary
complementary bipolar (CB) process which enables the con-
struction of pnp and npn transistors with similar fTs in the
600 MHz to 800 MHz region. The AD847 circuit (Figure 22)
includes an npn input stage followed by fast pnps in the folded
cascode intermediate gain stage. The CB pnps are also used in
the current amplifying output stage. The internal compensation
capacitance that makes the AD847 unity gain stable is provided
by the junction capacitances of transistors in the gain stage.
The capacitor, CF, in the output stage mitigates the effect of ca-
pacitive loads. At low frequencies and with low capacitive
loads, the gain from the compensation node to the output is
very close to unity. In this case CF is bootstrapped and does not
contribute to the compensation capacitance of the part. As the
capacitive load is increased, a pole is formed with the output
impedance of the output stage. This reduces the gain, and
therefore, CF is incompletely bootstrapped. Some fraction of CF
contributes to the compensation capacitance, and the unity gain
bandwidth falls. As the load capacitance is increased, the band-
width continues to fall, and the amplifier remains stable.
C F
–IN
+IN
NULL 1
NULL 8
OUTPUT
+VS
–VS
Figure 22. AD847 Simplified Schematic
GROUNDING AND BYPASSING
In designing practical circuits with the AD847, the user must
remember that whenever high frequencies are involved, some
special precautions are in order. Circuits must be built with
short interconnect leads. A large ground plane should be used
whenever possible to provide a low resistance, low inductance
circuit path, as well as minimizing the effects of high frequency
coupling. Sockets should be avoided because the increased
interlead capacitance can degrade bandwidth.
Feedback resistors should be of low enough value to assure that
the time constant formed with the capacitance at the amplifier
summing junction will not limit the amplifier performance.
Resistor values of less than 5 k
Ω are recommended. If a larger
resistor must be used, a small (<10 pF) feedback capacitor in
parallel with the feedback resistor, RF, may be used to compen-
sate for the input capacitances and optimize the dynamic perfor-
mance of the amplifier.
Power supply leads should be bypassed to ground as close as
possible to the amplifier pins. Ceramic disc capacitors of
0.1
µF are recommended.


同様の部品番号 - AD847AR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD847AR AD-AD847AR Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847AR AD-AD847AR Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847AR AD-AD847AR Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results

同様の説明 - AD847AR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848 Datasheet
259Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848JRZ AD-AD848JRZ Datasheet
220Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_15 Datasheet
250Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
   High Speed, Low Power Monolithic Op Amp
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JRZ AD-AD847JRZ Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847_15 Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com