データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1866R-REEL データシート(PDF) 7 Page - Analog Devices

部品番号 AD1866R-REEL
部品情報  Single Supply Dual 16-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1866R-REEL データシート(HTML) 7 Page - Analog Devices

Back Button AD1866R-REEL Datasheet HTML 3Page - Analog Devices AD1866R-REEL Datasheet HTML 4Page - Analog Devices AD1866R-REEL Datasheet HTML 5Page - Analog Devices AD1866R-REEL Datasheet HTML 6Page - Analog Devices AD1866R-REEL Datasheet HTML 7Page - Analog Devices AD1866R-REEL Datasheet HTML 8Page - Analog Devices AD1866R-REEL Datasheet HTML 9Page - Analog Devices AD1866R-REEL Datasheet HTML 10Page - Analog Devices AD1866R-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+ 5V
+ 5V
+ 5V
FALSE GROUND
(2.5V)
V
O
R
V
O
L
V
O
R
V
O
L
Figure 8a. Schematic Using False Ground
Figure 8a illustrates the traditional approach used to generate
false ground voltages in single supply audio systems. This cir-
cuit requires additional power and circuit board space.
The AD1866 eliminates the need for “false ground” circuitry.
VBR and VBL generate the required bias voltages previously
generated by the “false ground.” As shown in Figure 8b, VBR
and VBL may be used as the reference point in each output
channel. This permits a dc coupled output signal path. This
eliminates ac coupling capacitors and improves low frequency
performance. It should be noted that these bias outputs have
relatively high output impedance and will not drive output cur-
rents larger than 100
µA without degrading the specified
performance.
Analog Circuit Considerations–AD1866
REV. 0
–7–
+5V
+5V
15
14
13
12
11
10
16
9
1
2
3
4
5
6
8
7
NRL
AGND
NRR
AD1866
LL
DL
CLK
DR
LR
DGND
V
O
L
V
O
R
V
O
R
V
S
V
B
R
V
O
L
V
S
V
L
V
B
L
Figure 8b. Circuitry Using Voltage Biases
DISTORTION PERFORMANCE AND TESTING
The THD+N figure of an audio DAC represents the amount of
undesirable signal produced during reconstruction and play-
back of an audio waveform. Therefore, the THD+N specifica-
tion provides a direct measure to classify and choose an audio
DAC for a desired level of performance. Figure 1 illustrates the
typical THD+N versus frequency performance of the AD1866.
It is evident that the THD+N performance of the AD1866 re-
mains stable at all three amplitude levels through a wide range
of frequencies. A load impedance of at least 2 k
Ω is recom-
mended for best THD+N performance.
Analog Devices tests all AD1866s on the basis of THD+N per-
formance. During the distortion test, a high speed digital pat-
tern generator transmits digital data to each channel of the
device under test. Sixteen-bit data is latched into the DAC at
352.8 kHz (8
× F
S). The test input code is a digitally encoded
990.5 Hz sine wave with 0 dB, –20 dB, and –60 dB amplitudes.
A 4096 point FFT calculates total harmonic distortion + noise,
signal-to-noise ratio, and D-range. No deglitchers or external
adjustments are used.


同様の部品番号 - AD1866R-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1866R-REEL AD-AD1866R-REEL Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
More results

同様の説明 - AD1866R-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com