データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5248BRMZ100-RL7 データシート(PDF) 5 Page - Analog Devices

部品番号 AD5248BRMZ100-RL7
部品情報  Dual, 256-Position, I2C-Compatible Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5248BRMZ100-RL7 データシート(HTML) 5 Page - Analog Devices

  AD5248BRMZ100-RL7 Datasheet HTML 1Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 2Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 3Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 4Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 5Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 6Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 7Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 8Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD5243/AD5248
Rev. B | Page 5 of 20
TIMING CHARACTERISTICS: ALL VERSIONS
VDD = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C; unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
I2C INTERFACE TIMING CHARACTERISTICS1
SCL Clock Frequency
fSCL
0
400
kHz
Bus-Free Time Between Stop and Start, tBUF
t1
1.3
μs
Hold Time (Repeated Start), tHD;STA
t2
After this period, the first clock pulse is
generated.
0.6
μs
Low Period of SCL Clock, tLOW
t3
1.3
μs
High Period of SCL Clock, tHIGH
t4
0.6
μs
Setup Time for Repeated Start Condition, tSU;STA
t5
0.6
μs
Data Hold Time, tHD;DAT2
t6
0.9
μs
Data Setup Time, tSU;DAT
t7
100
ns
Fall Time of Both SDA and SCL Signals, tF
t8
300
ns
Rise Time of Both SDA and SCL Signals, tR
t9
300
ns
Setup Time for Stop Condition, tSU;STO
t10
0.6
μs
1 See the timing diagrams for the locations of measured values (that is, see Figure 3 and Figure 45 to Figure 48).
2 The maximum tHD:DAT must be met only if the device does not stretch the low period (tLOW) of the SCL signal.
t1
t2
t3
t8
t8
t9
t9
t6
t4
t7
t5
t2
t10
PS
S
SCL
SDA
P
Figure 3. I2C Interface Detailed Timing Diagram


同様の部品番号 - AD5248BRMZ100-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5248BRMZ100-RL7 AD-AD5248BRMZ100-RL7 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248BRMZ100-RL7 AD-AD5248BRMZ100-RL7 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
More results

同様の説明 - AD5248BRMZ100-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5273 ONSEMI-CAT5273 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
logo
Analog Devices
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com