データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7533AQ データシート(PDF) 9 Page - Analog Devices

部品番号 AD7533AQ
部品情報  CMOS Low Cost, 10-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7533AQ データシート(HTML) 9 Page - Analog Devices

Back Button AD7533AQ Datasheet HTML 4Page - Analog Devices AD7533AQ Datasheet HTML 5Page - Analog Devices AD7533AQ Datasheet HTML 6Page - Analog Devices AD7533AQ Datasheet HTML 7Page - Analog Devices AD7533AQ Datasheet HTML 8Page - Analog Devices AD7533AQ Datasheet HTML 9Page - Analog Devices AD7533AQ Datasheet HTML 10Page - Analog Devices AD7533AQ Datasheet HTML 11Page - Analog Devices AD7533AQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7533
Rev. C | Page 9 of 12
APPLICATIONS
3
14
1
16
2
15
4
13
AD7533
OP97
OP97
MAGNITUDE
BITS
SIGN BIT
DIGITAL
INPUT
MSB
VDD
VREF
IOUT1
VOUT
IOUT2
RFB
GND
BIPOLAR
ANALOG INPUT
±10V
10kΩ
10kΩ
5kΩ
1/2 AD7512DIJN
LSB
Figure 13. 10-Bit and Sign Multiplying DAC
3
14
1
16
2
15
4
13
AD7533
OP97
OP97
DIGITAL
FREQUENCY
CONTROL
WORD
MSB
+15V
VDD
NC
VREF
IOUT1
6.8V
(2)
SQUARE
WAVE
TRIANGULAR
WAVE
IOUT2
Ct
GND
CALIBRATE
10V
1kΩ
4.7kΩ
LSB
10kΩ
1%
10kΩ
1%
f = N (
)
Rt = 10kΩ
0 < N ≤ (1 210)
1
8RtCt
Figure 14. Programmable Function Generator
3
16
2
1
14
15
4
13
AD7533
DIGITAL
INPUT
“D”
BIT 1
BIT 10
MSB
VREF
IOUT2
VOUT
VIN
IOUT1
RFB
GND
+15V
LSB
VOUT =
D=
+
where:
–VIN
D
0 < D ≤
BIT 1
21
BIT 2
22
+…
BIT 10
210
1023
1024
Figure 15. Divider (Digitally Controlled Gain)
3
14
1
16
2
15
4
13
AD7533
DIGITAL
INPUT
“D”
MSB
+15V
VREF
–VREFD
VOUT
RFB
GND
R1
R2
LSB
BIT 1
BIT 10
VOUT = VREF =
D=
+
where:
R2
R1 + R2
0 < D ≤
BIT 1
21
BIT 2
22
+…
BIT 10
210
1023
1024
R1D
R1 + R2
IOUT1
IOUT2
Figure 16. Modified Scale Factor and Offset
3
14
1
16
2
15
4
13
AD7533
AD790
COMPARATOR
DIGITAL
INPUT
(TEST LIMIT)
MSB
+15V
TEST INPUT
(0 TO – VREF)
IOUT1
FAIL/PASS
TEST
IOUT2
GND
VREF
LSB
Figure 17. Digitally Programmable Limit Detector
.


同様の部品番号 - AD7533AQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7533AQ AD-AD7533AQ Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533AQ AD-AD7533AQ Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
More results

同様の説明 - AD7533AQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
   16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com