データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7533UQ データシート(PDF) 6 Page - Analog Devices

部品番号 AD7533UQ
部品情報  CMOS Low Cost, 10-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7533UQ データシート(HTML) 6 Page - Analog Devices

Back Button AD7533UQ Datasheet HTML 2Page - Analog Devices AD7533UQ Datasheet HTML 3Page - Analog Devices AD7533UQ Datasheet HTML 4Page - Analog Devices AD7533UQ Datasheet HTML 5Page - Analog Devices AD7533UQ Datasheet HTML 6Page - Analog Devices AD7533UQ Datasheet HTML 7Page - Analog Devices AD7533UQ Datasheet HTML 8Page - Analog Devices AD7533UQ Datasheet HTML 9Page - Analog Devices AD7533UQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7533
Rev. C | Page 6 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IOUT1 1
IOUT2 2
GND 3
BIT 1 (MSB) 4
RFB
16
VREF
15
VDD
14
BIT 10 (LSB)
13
BIT 2 5
BIT 3 6
BIT 4 7
BIT 9
12
BIT 8
11
BIT 7
10
BIT 5 8
BIT 6
9
AD7533
TOP VIEW
(Not to Scale)
Figure 2. 16-Lead PDIP Pin Configuration
IOUT1 1
IOUT2 2
GND 3
BIT 1 (MSB) 4
RFB
16
VREF
15
VDD
14
BIT 10 (LSB)
13
BIT 2 5
BIT 9
12
BIT 3 6
BIT 8
11
BIT 4 7
BIT 7
10
BIT 5 8
BIT 6
9
AD7533
TOP VIEW
(Not to Scale)
Figure 3. 16-Lead SOIC Pin Configuration
IOUT1 1
IOUT2 2
GND 3
BIT 1 (MSB) 4
RFB
16
VREF
15
VDD
14
BIT 10 (LSB)
13
BIT 2 5
BIT 9
12
BIT 3 6
BIT 8
11
BIT 4 7
BIT 7
10
BIT 5 8
BIT 6
9
AD7533
TOP VIEW
(Not to Scale)
Figure 4. 16-Lead CERDIP Pin Configuration
4
GND
5
BIT 1 (MSB)
6
NC
7
BIT 2
8
BIT 3
18
VDD
17
BIT 10 (LSB)
16
NC
15
BIT 9
14
BIT 8
19
20
1
2
3
13
12
11
10
9
AD7533
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 5. 20-Terminal LCC Pin Configuration
120
19
2
3
4
5
6
7
8
18
17
16
15
14
9
10
11
12
13
NC = NO CONNECT
GND
BIT 1 (MSB)
NC
BIT 2
BIT 3
VDD
BIT 10 (LSB)
NC
BIT 9
BIT 8
PIN 1
INDENTFIER
AD7533
TOP VIEW
(Not to scale)
Figure 6. 20-Lead PLCC Pin Configuration
Table 3. Pin Function Descriptions
Pin Number
16-Lead PDIP, SOIC, CERDIP
20-Lead LCC, PLCC
Mnemonic
Description
1
2
IOUT1
DAC Current Output.
2
3
IOUT2
DAC Analog Ground. This pin should normally be tied to the
analog ground of the system.
3
4
GND
Ground.
4 to 13
5, 7 to 10, 12 to 15, 17
BIT 1 to BIT 10
MSB to LSB.
14
18
VDD
Positive Power Supply Input. These parts can be operated from
a supply of 5 V to 16 V.
15
19
VREF
DAC Reference Voltage Input Terminal.
16
20
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC
by connecting RFB to external amplifier output.
NA
1, 6, 11, 16
NC
No Connect.


同様の部品番号 - AD7533UQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7533UQ AD-AD7533UQ Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533UQ AD-AD7533UQ Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
More results

同様の説明 - AD7533UQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
   16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com