データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7910AKS-REEL7 データシート(PDF) 9 Page - Analog Devices

部品番号 AD7910AKS-REEL7
部品情報  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7910AKS-REEL7 データシート(HTML) 9 Page - Analog Devices

Back Button AD7910AKS-REEL7 Datasheet HTML 5Page - Analog Devices AD7910AKS-REEL7 Datasheet HTML 6Page - Analog Devices AD7910AKS-REEL7 Datasheet HTML 7Page - Analog Devices AD7910AKS-REEL7 Datasheet HTML 8Page - Analog Devices AD7910AKS-REEL7 Datasheet HTML 9Page - Analog Devices AD7910AKS-REEL7 Datasheet HTML 10Page - Analog Devices AD7910AKS-REEL7 Datasheet HTML 11Page - Analog Devices AD7910AKS-REEL7 Datasheet HTML 12Page - Analog Devices AD7910AKS-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7910/AD7920
Rev. C | Page 9 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
GND
2
VIN 3
CS
6
SDATA
5
SCLK
4
AD7910/
AD7920
TOP VIEW
(Not to Scale)
Figure 5. 6-Lead SC70 Pin Configuration
VDD 1
SDATA
2
CS
3
NC
4
VIN
8
GND
7
SCLK
6
NC
5
NC = NO CONNECT
AD7910/
AD7920
TOP VIEW
(Not to Scale)
Figure 6. 8-Lead MSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
6-Lead
SC70
Pin No.
8-Lead
MSOP
Mnemonic
Description
6
3
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7910/AD7920 and framing the serial data transfer.
1
1
VDD
Power Supply Input. The VDD range for the AD7910/AD7920 is from 2.35 V to 5.25 V.
2
7
GND
Analog Ground. Ground reference point for all circuitry on the AD7910/AD7920. All analog input signals
should be referred to this GND voltage.
3
8
VIN
Analog Input. Single-ended analog input channel. The input range is 0 to VDD.
5
2
SDATA
Data Out. Logic output. The conversion result from the AD7910/AD7920 is provided on this output as a
serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from
the AD7920 consists of four leading zeros followed by the 12 bits of conversion data, which is provided
MSB first. The data stream from the AD7910 consists of four leading zeros followed by the 10 bits of
conversion data followed by two trailing zeros, which is also provided MSB first.
4
6
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input
is also used as the clock source for the AD7910/AD7920 conversion process.
N/A
4, 5
NC
No Connect.


同様の部品番号 - AD7910AKS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7910AKS-REEL7 AD-AD7910AKS-REEL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
More results

同様の説明 - AD7910AKS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com