データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8512ARZ-REEL7 データシート(PDF) 8 Page - Analog Devices

部品番号 AD8512ARZ-REEL7
部品情報  Precision, Very Low Noise, Low Input Bias Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8512ARZ-REEL7 データシート(HTML) 8 Page - Analog Devices

Back Button AD8512ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8512ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8512ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8512ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8512ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8512ARZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8512ARZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8512ARZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8512ARZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8510/AD8512/AD8513
Rev. I | Page 8 of 20
SUPPLY VOLTAGE (V+ – V–)
8
1.0
1.1
1.2
13
1.3
1.4
1.6
18
23
28
30
1.7
1.8
1.5
1.9
2.0
TA = 25°C
Figure 13. AD8512 Supply Current per Amplifier vs. Supply Voltage
LOAD CURRENT (mA)
0
0
2
4
10
6
8
12
20
30
40
50
14
16
10
60
70
80
VOL
VOH
VSY = ±15V
VSY = ±5V
VOH
VOL
Figure 14. AD8510/AD8512 Output Voltage vs. Load Current
TEMPERATURE (°C)
–40
1.00
1.25
1.50
1.75
–10
2.00
2.25
2.50
520
65
80
110
–25
35
50
95
125
±15V
±5V
Figure 15. AD8512 Supply Current per Amplifier vs. Temperature
SUPPLY VOLTAGE (V+ – V–)
8
1.0
1.2
1.4
13
1.6
1.8
2.2
18
23
28
33
2.4
2.6
2.0
2.8
TA = 25°C
Figure 16. AD8510 Supply Current vs. Supply Voltage
FREQUENCY (Hz)
10k
–30
–20
–10
100k
0
10
30
1M
10M
50M
40
50
20
60
70
–135
–90
–45
0
45
90
135
180
225
270
315
VSY = ±15V
RL = 2.5kΩ
CSCOPE = 20pF
ΦM = 52°
Figure 17. Open-Loop Gain and Phase vs. Frequency
TEMPERATURE (°C)
–40
1.00
1.25
1.50
1.75
–10
2.00
2.25
2.50
520
65
80
110
–25
35
50
95
125
±15V
±5V
Figure 18. AD8510 Supply Current vs. Temperature


同様の部品番号 - AD8512ARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8512ARZ-REEL7 AD-AD8512ARZ-REEL7 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
AD8512ARZ-REEL7 AD-AD8512ARZ-REEL7 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
More results

同様の説明 - AD8512ARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512 AD-AD8512_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8513 AD-AD8513_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com