データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9229-65EBZ データシート(PDF) 3 Page - Analog Devices

部品番号 AD9229-65EBZ
部品情報  Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9229-65EBZ データシート(HTML) 3 Page - Analog Devices

  AD9229-65EBZ Datasheet HTML 1Page - Analog Devices AD9229-65EBZ Datasheet HTML 2Page - Analog Devices AD9229-65EBZ Datasheet HTML 3Page - Analog Devices AD9229-65EBZ Datasheet HTML 4Page - Analog Devices AD9229-65EBZ Datasheet HTML 5Page - Analog Devices AD9229-65EBZ Datasheet HTML 6Page - Analog Devices AD9229-65EBZ Datasheet HTML 7Page - Analog Devices AD9229-65EBZ Datasheet HTML 8Page - Analog Devices AD9229-65EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD9229
Rev. B | Page 3 of 40
SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 3.0 V, maximum conversion rate, 2 V p-p differential input, 1.0 V internal reference, AIN = –0.5 dBFS, unless
otherwise noted.
Table 1.
AD9229-50
AD9229-65
Parameter
Temperature
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Offset Error
Full
VI
±5
±25
±5
±25
mV
Offset Matching
Full
VI
±5
±25
±5
±25
mV
Gain Error1
Full
VI
±0.3
±2.5
±0.3
±2.5
% FS
Gain Matching1
Full
VI
±0.2
±1.5
±0.2
±1.5
% FS
Differential Nonlinearity (DNL)
25°C
V
±0.3
±0.3
LSB
Full
VI
±0.3
±0.6
±0.3
±0.7
LSB
Integral Nonlinearity (INL)
25°C
V
±0.6
±0.4
LSB
Full
VI
±0.6
±1
±0.4
±1
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±2
±3
ppm/°C
Gain Error1
Full
V
±12
±12
ppm/°C
Reference Voltage, VREF = 1 V
Full
V
±16
±16
ppm/°C
REFERENCE
Output Voltage Error, VREF = 1 V
Full
VI
±10
±30
±10
±30
mV
Load Regulation @ 1.0 mA, VREF = 1 V
Full
V
3
3
mV
Output Voltage Error, VREF = 0.5 V
Full
VI
±8
±17
±8
±17
mV
Load Regulation @ 0.5 mA,
VREF = 0.5 V
Full
V
0.2
0.2
mV
Input Resistance
Full
V
7
7
ANALOG INPUTS
Differential Input Voltage Range
VREF = 1 V
Full
VI
2
2
V p-p
Differential Input Voltage Range
VREF = 0.5 V
Full
VI
1
1
V p-p
Common Mode Voltage
Full
V
1.5
1.5
V
Input Capacitance2
Full
V
7
7
pF
Analog Bandwidth, Full Power
Full
V
400
400
MHz
POWER SUPPLY
AVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
V
IAVDD
Full
VI
300
330
420
455
mA
DRVDD
Full
VI
28
31
29
33
mA
Power Dissipation3
Full
VI
985
1083
1350
1465
mW
Power-Down Dissipation
Full
V
3
3
mW
CROSSTALK4
Full
V
–95
–95
dB
1 Gain error and gain temperature coefficients are based on the ADC only, with a fixed 1.0 V external reference and a 2 V p-p differential analog input.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 4 for the equivalent analog input structure.
3 Power dissipation measured with rated encode and 2.4 MHz analog input at –0.5 dBFS.
4 Typical specification over the first Nyquist zone.


同様の部品番号 - AD9229-65EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9229-65EB1 AD-AD9229-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

同様の説明 - AD9229-65EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com