データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR293GRUZ データシート(PDF) 10 Page - Analog Devices

部品番号 ADR293GRUZ
部品情報  Low Noise, Micropower 5.0 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR293GRUZ データシート(HTML) 10 Page - Analog Devices

Back Button ADR293GRUZ Datasheet HTML 4Page - Analog Devices ADR293GRUZ Datasheet HTML 5Page - Analog Devices ADR293GRUZ Datasheet HTML 6Page - Analog Devices ADR293GRUZ Datasheet HTML 7Page - Analog Devices ADR293GRUZ Datasheet HTML 8Page - Analog Devices ADR293GRUZ Datasheet HTML 9Page - Analog Devices ADR293GRUZ Datasheet HTML 10Page - Analog Devices ADR293GRUZ Datasheet HTML 11Page - Analog Devices ADR293GRUZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADR293
Rev. D | Page 10 of 12
THEORY OF OPERATION
The ADR293 uses a new reference generation technique known
as XFET, which yields a reference with low noise, low supply
current, and very low thermal hysteresis.
The core of the XFET reference consists of two junction field
effect transistors, one of which has an extra channel implant to
raise its pinch-off voltage. By running the two JFETs at the same
drain current, the difference in pinch-off voltage can be amplified
and used to form a highly stable voltage reference. The intrinsic
reference voltage is around 0.5 V with a negative temperature
coefficient of about –120 ppm/K. This slope is essentially locked
to the dielectric constant of silicon and can be closely compen-
sated by adding a correction term generated in the same fashion
as the proportional-to-temperature (PTAT) term used to
compensate band gap references. The big advantage over a band
gap reference is that the intrinsic temperature coefficient is
some 30 times lower (therefore, less correction is needed) and
this results in much lower noise, because most of the noise of a
band gap reference comes from the temperature compensation
circuitry.
The simplified schematic in Figure 21 shows the basic topology
of the ADR293. The temperature correction term is provided by
a current source with value designed to be proportional to
absolute temperature. The general equation is
()()
R3
I
R1
R3
R2
R1
V
V
PTAT
P
OUT
+
+
+
Δ
=
where:
ΔVP
is the difference in pinch-off voltage between the two FETs.
IPTAT
is the positive temperature coefficient correction current.
The process used for the XFET reference also features vertical
NPN and PNP transistors, the latter of which are used as output
devices to provide a very low dropout voltage.
VOUT
VIN
IPTAT
GND
R1
R2
R3
I1
I1
1
1 EXTRA CHANNEL IMPLANT
VOUT =× ∆VP + IPTAT × R3
R1 + R2 + R3
R1
∆VP
Figure 21. Simplified Schematic
DEVICE POWER DISSIPATION CONSIDERATIONS
The ADR293 is guaranteed to deliver load currents to 5 mA
with an input voltage that ranges from 5.5 V to 15 V. When
this device is used in applications with large input voltages,
care should be exercised to avoid exceeding the published
specifications for maximum power dissipation or junction
temperature that could result in premature device failure.
The following formula should be used to calculate a device’s
maximum junction temperature or dissipation:
JA
A
J
D
T
T
P
θ
=
where:
TJ
and TA are the junction temperature and ambient
temperature, respectively.
PD
is the device power dissipation.
θJA
is the device package thermal resistance.
BASIC VOLTAGE REFERENCE CONNECTIONS
References, in general, require a bypass capacitor connected
from the VOUT pin to the GND pin. The circuit in Figure 22
illustrates the basic configuration for the ADR293. Note that the
decoupling capacitors are not required for circuit stability.
NC
NC
NC
NC
VOUT
NC
0.1µF
0.1µF
10µF
+
NC = NO CONNECT
1
2
3
4
8
7
6
5
ADR293
Figure 22. Basic Voltage Reference Configuration
NOISE PERFORMANCE
The noise generated by the ADR293 is typically less than
15 μV p-p over the 0.1 Hz to 10 Hz band. The noise measure-
ment is made with a band-pass filter made of a 2-pole high-pass
filter with a corner frequency at 0.1 Hz and a 2-pole low-pass
filter with a corner frequency at 10 Hz.
TURN-ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error band is defined as the turn-on settling time. Two
components normally associated with this are the time for the
active circuits to settle and the time for the thermal gradients on
the chip to stabilize. Figure 15 shows the typical turn-on time
for the ADR293.


同様の部品番号 - ADR293GRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR293GRU-REEL AD-ADR293GRU-REEL Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293GRU-REEL7 AD-ADR293GRU-REEL7 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
More results

同様の説明 - ADR293GRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com