データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3073EYRZ-REEL7 データシート(PDF) 6 Page - Analog Devices

部品番号 ADM3073EYRZ-REEL7
部品情報  3.3 V, 15,-15 kV ESD-Protected
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3073EYRZ-REEL7 データシート(HTML) 6 Page - Analog Devices

Back Button ADM3073EYRZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM3073EYRZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 6 of 20
TIMING SPECIFICATIONS—ADM3073E/ADM3074E/ADM3075E
VCC = 3.3 V ± 10%, TA = TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
500
kbps
Propagation Delay, Low-to-High Level
tDPLH
180
800
ns
CL = 50 pF, RL = 54 Ω (see Figure 8 and Figure 9)
Propagation Delay, High-to-Low Level
tDPHL
180
800
ns
CL = 50 pF, RL = 54 Ω (see Figure 8 and Figure 9)
Rise Time/Fall Time
tDR/tDF
200
800
ns
CL = 50 pF, RL = 54 Ω (see Figure 8 and Figure 9)
|tDPLH − tDPHL| Differential Driver Output Skew
tDSKEW
100
ns
CL = 50 pF, RL = 54 Ω (see Figure 8 and Figure 9)
Enable to Output High
tDZH
2500
ns
See Figure 10
Enable to Output Low
tDZL
2500
ns
See Figure 11
Disable Time from Low
tDLZ
100
ns
See Figure 11
Disable Time from High
tDHZ
100
ns
See Figure 10
Enable Time from Shutdown to High
tDZH(SHDN)
4500
ns
See Figure 10
Enable Time from Shutdown to Low
tDZL(SHDN)
4500
ns
See Figure 11
RECEIVER
Maximum Data Rate
500
kbps
Propagation Delay, Low-to-High Level
tRPLH
200
ns
CL = 15 pF (see Figure 12 and Figure 13)
Propagation Delay, High-to-Low Level
tRPHL
200
ns
CL = 15 pF (see Figure 12 and Figure 13)
|tRPLH − tRPHL| Output Skew
tRSKEW
30
ns
CL = 15 pF (see Figure 12 and Figure 13)
Enable to Output High
tRZH
50
ns
See Figure 14
Enable to Output Low
tRZL
50
ns
See Figure 14
Disable Time from Low
tRLZ
50
ns
See Figure 14
Disable Time from High
tRHZ
50
ns
See Figure 14
Enable Time from Shutdown to High
tRZH(SHDN)
4000
ns
See Figure 14
Enable Time from Shutdown to Low
tRZL(SHDN)
4000
ns
See Figure 14
TIME TO SHUTDOWN
tSHDN
50
200
600
ns


同様の部品番号 - ADM3073EYRZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3073EYRZ-REEL7 AD-ADM3073EYRZ-REEL7 Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3073EYRZ-REEL7 AD-ADM3073EYRZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

同様の説明 - ADM3073EYRZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com