データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3074EARZ-REEL7 データシート(PDF) 9 Page - Analog Devices

部品番号 ADM3074EARZ-REEL7
部品情報  3.3 V, 15,-15 kV ESD-Protected
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3074EARZ-REEL7 データシート(HTML) 9 Page - Analog Devices

Back Button ADM3074EARZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 12Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 9 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC 1
RO 2
RE 3
DE 4
VCC
14
NC
13
A
12
B
11
DI 5
Z
10
GND 6
Y
9
GND 7
NC
8
NC = NO CONNECT
ADM3070E/
ADM3073E/
ADM3076E
TOP VIEW
(Not to Scale)
VCC 1
RO 2
DI 3
GND 4
A
8
B
7
Z
6
Y
5
ADM3071E/
ADM3074E/
ADM3077E
TOP VIEW
(Not to Scale)
RO 1
RE 2
DE 3
DI 4
VCC
8
B
7
A
6
GND
5
ADM3072E/
ADM3075E/
ADM3078E
TOP VIEW
(Not to Scale)
Figure 4. ADM3070E/ADM3073E/ADM3076E
Pin Configuration
Figure 5. ADM3071E/ADM3074E/ADM3077E
Pin Configuration
Figure 6. ADM3072E/ADM3075E/ADM3078E
Pin Configuration
Table 7. Pin Function Descriptions
ADM3070E/
ADM3073E/
ADM3076E
Pin No.
ADM3071E/
ADM3074E/
ADM3077E
Pin No.
ADM3072E/
ADM3075E/
ADM3078E
Pin No.
Mnemonic
Description
2
2
1
RO
Receiver Output. When enabled, if (A − B) ≥ −50 mV, RO is high. If
(A − B) ≤ −200 mV, RO is low.
3
N/A
2
RE
Receiver Output Enable. A low level enables the receiver output.
A high level places it in a high impedance state. If RE is high and DE
is low, the device enters a low power shutdown mode.
4
N/A
3
DE
Driver Output Enable. A high level enables the driver differential
A and B outputs. A low level places it in a high impedance state. If
RE is high and DE is low, the device enters a low power shutdown mode.
5
3
4
DI
Driver Input. With a half-duplex part when the driver is enabled, a
logic low on DI forces A low and B high; a logic high on DI forces
A high and B low. With a full-duplex part when the driver is enabled,
a logic low on DI forces Y low and Z high; a logic high on DI forces
Y high and Z low.
6, 7
4
5
GND
Ground.
9
5
N/A
Y
Noninverting Driver Output.
N/A
N/A
6
A
Noninverting Receiver Input A and Noninverting Driver Output A.
12
8
N/A
A
Noninverting Receiver Input A.
10
6
N/A
Z
Inverting Driver Output.
N/A
N/A
7
B
Inverting Receiver Input B and Inverting Driver Output B.
11
7
N/A
B
Inverting Receiver Input B.
14
1
8
VCC
Power Supply, 3.3 V ± 10%. Bypass VCC to GND with a 0.1 μF capacitor.
1, 8, 13
N/A
N/A
NC
No Connect. Not internally connected; can be connected to GND.


同様の部品番号 - ADM3074EARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3074EARZ-REEL7 AD-ADM3074EARZ-REEL7 Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3074EARZ-REEL7 AD-ADM3074EARZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

同様の説明 - ADM3074EARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com