データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

ST015BG1SPGF データシート(PDF) 1 Page - Honeywell Solid State Electronics Center

部品番号. ST015BG1SPGF
部品情報  Amplified output whicheliminates the cost of external amplifiers
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo 

ST015BG1SPGF Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Stainless Steel Pressure Sensors
ST Series
FEATURES
• Amplified output which
eliminates the cost of
external amplifiers
• Reverse polarity protection
prevents damaged from
reversed excitation
• Less than 500 µs response
time for accurate high
speed measurements
• Exceeds CE Heavy
Industrial EMC
• High value with
outstanding performance
TYPICAL APPLICATIONS
• Pneumatic equipment
• Air compressors
• Air filtration monitoring
• Industrial controls
WARNING
PERSONAL INJURY
DO NOT USE these
products as safety or
emergency stop devices or
in any other application
where failure of the product
could result in personal
injury.
Failure to comply with
these instructions could
result in death or serious
injury.
The Model ST pressure transducer combines Honeywell's proven silicon
pressure sensing with the latest in ASIC technology in a rugged, industrial
package. High value, coupled with outstanding performance, make this an
ideal transducer for industrial control applications such as air compressors
and pneumatic equipment. Temperature compensated, calibrated, and
amplified, the ST has pressure ranges from 0 psi to 5.0 psi to 0 psi to 250
psi.
The ST offers three standard output options for user flexibility, which are
as follows: a 0.50 Vdc to 4.50 Vdc ratiometric output from 5.0 Vdc excitation,
a 0.50 Vdc to 4.50 Vdc regulated output from 7.0 Vdc to 35.0 Vdc excitation,
or a 4 mA to 20 mA output from 9.5 Vdc to 35.0 Vdc. The ST transducer
delivers ±1.0% full scale accuracy (BFSL) over a wide temperature range of
-40 °C to 100 °C [-40 °F to 212 °F] and utilizes a proven industry standard
connector for high reliability.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for reference only. Do
not use this document as a product installation guide.
• Complete installation, operation, and maintenance information is
provided in the instructions supplied with each product.
Failure to comply with these instructions could result in death or
serious injury.
Sensing and Control


Html ページ

1  2  3  4 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn