データシートサーチシステム |
|
ML25PG1PG データシート(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
ML25PG1PG データシート(HTML) 2 Page - Honeywell Solid State Electronics Center |
2 / 2 page www.honeywell.com/sensing/ ML SERIES • PRESSURE TRANSDUCER TECHNICAL SPECIFICATIONS Sensing and Control Honeywell 100 Discovery Way Acton, MA 01720 USA Tel: (877) 384-1300; Fax: (978) 263-0630 WARRANTY/REMEDY Honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. Contact your local sales office for warranty information. If warranted goods are returned to Honeywell during the period of coverage, Honeywell will repair or replace without charge those items it finds defective. The foregoing is Buyer’s sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. Specifications may change without notice. The information we supply is believed to be accurate and reliable as of this printing. However, we assume no responsibility for its use. While we provide application assistance personally, through our literature and the Honeywell web site, it is up to the customer to determine the suitability of the product in the application. Item # 1121700 M.G. 3/01 Rev. A RANGES 15, 25, 50 PSIG; 100, 200, 300, 500, 1000, 2000, 3000, 5000 PSIS 6, 10, 16, 25, 40, 60, 100,160, 250 BAR PHYSICAL Proof Pressure < 500 psi ≥ 500 psi 2 X rated range 1.5 X rated range Burst Pressure < 500 psi ≥ 500 psi (30K psi max) 10 X rated range 10 X rated range Material in Contact 300 series SS, with Media braze compound Weight 2.0 oz (57 gm) ENVIRONMENTAL Shock 50 g’s peak (5 ms), 100 g’s peak (11 ms) Vibration Figure 514.2-5, Curve AK, Table 514.2-V Random Vibration Test (Overall g rms = 20.7 minimum) ELECTRICAL Ratiometric Voltage Regulated Current Zero Output 0.5 Vdc 1.0 Vdc 4.0 mA Full Scale Output* 4.0 Vdc 5.0 Vdc 16 mA (0.50-4.50 Vdc) (1.0-6.0 Vdc) (4-20 mA) Excitation 5 Vdc ±250 mV 7-35 Vdc 9.5-35 Vdc (7.0 V max) Supply Current 5 mA typical 5 mA typical N/A (7 mA max) (7 mA max) Source (nominal) 2.0 mA 2.0 mA N/A Sink (nominal) 20 µA 20 µA N/A @ zero output @ zero output Supply Rejection Ratio 90 db 90 db 90 db Output Impedance 25 W max. 25 W max. N/A PERFORMANCE Response Time < 500 microseconds EMI/RFI Exceeds CE heavy industrial (30v/m radiated 150kHz-1gHz) Electrical Packard Metri-Pack™ connector requires Connection Packard #12065287 mating connector Accuracy ±0.25% F.S.O. best fit straight line. Includes: non-linearity, hysteresis, non-repeatability. Thermal errors not included. 0.5% < 100 PSI ** Total Error Band ±2% Typical (±3% Max.) F.S.O. Includes: zero offset error, span error, thermal effect on zero and thermal effect on span, non-linearity, hysteresis, non-repeatability Compensated Operating and -40 ° to 105°C Storage Temperature Range (-40 ° to 221°F) * PSIG vented thru vent hole protected by Gortex® filter NOTE: All specifications are measured at 25 ° C (77° F) and at rated excitation unless otherwise specified. NOTE: Meets IEC-68-2 or MIL-STD 810C. NOTE: Contact the factory to discuss other pressure ranges. PIN AND WIRE CODES DIMENSIONS xx.xx = inches (xx.x) = mm Pins Voltage Current A + Excitation + Excitation B Output - Excitation C Common NC [40] * 1.58 [19] 0.73 [22] 0.85 1/8-27 NPT or 1/4-18 NPT 1-1/16 [27] HEX [27] 1.06 [15] ** 0.60 a c b Not Intended for Customer use * Maximum ** 0.75 [19] for 1/4-18 NPT |
同様の部品番号 - ML25PG1PG |
|
同様の説明 - ML25PG1PG |