データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CB3T3253PW データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CB3T3253PW
部品情報  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3253PW データシート(HTML) 8 Page - Texas Instruments

Back Button SN74CB3T3253PW Datasheet HTML 4Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 5Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 6Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 7Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 8Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 9Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 10Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 11Page - Texas Instruments SN74CB3T3253PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1.5
2.0
2.5
3.0
3.5
4.0
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
1.5
2.0
2.5
3.0
3.5
4.0
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
1.5
2.0
2.5
3.0
3.5
4.0
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
VCC - Supply Voltage - V
VCC = 2.3 V to 3.6 V
VI = 5.5 V
TA = 85°C
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
VCC - Supply Voltage - V
VCC = 2.3 V to 3.6 V
VI = 5.5 V
TA = 25°C
OUTPUT VOLTAGE HIGH
vs
SUPPLY VOLTAGE
VCC - Supply Voltage - V
VCC = 2.3 V to 3.6 V
VI = 5.5 V
TA = -40°C
100
µA
8 mA
16 mA
24 mA
100
µA
8 mA
16 mA
24 mA
100
µA
8 mA
16 mA
24 mA
SN74CB3T3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SCDS148 – OCTOBER 2003 – REVISED JUNE 2005
Figure 4. VOH Values
8


同様の部品番号 - SN74CB3T3253PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3T3253PW TI-SN74CB3T3253PW Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253PW TI1-SN74CB3T3253PW Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253PWR TI-SN74CB3T3253PWR Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253PWR TI1-SN74CB3T3253PWR Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253PWRE4 TI1-SN74CB3T3253PWRE4 Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - SN74CB3T3253PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com