データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HCT273PWT データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HCT273PWT
部品情報  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT273PWT データシート(HTML) 4 Page - Texas Instruments

  SN74HCT273PWT Datasheet HTML 1Page - Texas Instruments SN74HCT273PWT Datasheet HTML 2Page - Texas Instruments SN74HCT273PWT Datasheet HTML 3Page - Texas Instruments SN74HCT273PWT Datasheet HTML 4Page - Texas Instruments SN74HCT273PWT Datasheet HTML 5Page - Texas Instruments SN74HCT273PWT Datasheet HTML 6Page - Texas Instruments SN74HCT273PWT Datasheet HTML 7Page - Texas Instruments SN74HCT273PWT Datasheet HTML 8Page - Texas Instruments SN74HCT273PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54HCT273, SN74HCT273
OCTAL DTYPE FLIPFLOPS
WITH CLEAR
SCLS068E − NOVEMBER 1988 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HCT273
SN74HCT273
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
4.5 V
25
16
20
MHz
fclock
Clock frequency
5.5 V
28
19
23
MHz
CLK high or low
4.5 V
20
30
25
tw
Pulse duration
CLK high or low
5.5 V
18
25
22
ns
tw
Pulse duration
CLR low
4.5 V
16
24
20
ns
CLR low
5.5 V
14
20
17
Data
4.5 V
20
30
25
tsu
Setup time before CLK
Data
5.5 V
17
25
21
ns
tsu
Setup time before CLK
CLR inactive
4.5 V
20
30
25
ns
CLR inactive
5.5 V
17
25
21
th
Hold time data after CLK
4.5 V
0
0
0
ns
th
Hold time data after CLK
5.5 V
0
0
0
ns
switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V,
CL = 50 pF (unless otherwise noted) (see Figure 1)
FROM
TO
SN54HCT273
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
4.5 V
25
31
16
MHz
fmax
5.5 V
28
37
19
MHz
tpd
CLR
Any
4.5 V
15
34
50
ns
tpd
CLR
Any
5.5 V
12
29
42
ns
tPHL
CLR
Any
4.5 V
17
15
50
ns
tPHL
CLR
Any
5.5 V
15
34
42
ns
tt
Any
4.5 V
8
18
22
ns
tt
Any
5.5 V
7
19
21
ns
switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V,
CL = 50 pF (unless otherwise noted) (see Figure 1)
FROM
TO
SN74HCT273
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
4.5 V
25
31
20
MHz
fmax
5.5 V
28
37
23
MHz
tpd
CLR
Any
4.5 V
15
34
42
ns
tpd
CLR
Any
5.5 V
12
29
36
ns
tPHL
CLR
Any
4.5 V
17
34
42
ns
tPHL
CLR
Any
5.5 V
15
29
36
ns
tt
Any
4.5 V
8
15
19
ns
tt
Any
5.5 V
7
14
17
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - SN74HCT273PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HCT273PWT TI1-SN74HCT273PWT Datasheet
776Kb / 17P
[Old version datasheet]    OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HCT273PWTE4 TI1-SN74HCT273PWTE4 Datasheet
776Kb / 17P
[Old version datasheet]    OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HCT273PWTG4 TI1-SN74HCT273PWTG4 Datasheet
776Kb / 17P
[Old version datasheet]    OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

同様の説明 - SN74HCT273PWT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com