データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS12-AU データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 SS12-AU
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS12-AU データシート(HTML) 1 Page - Pan Jit International Inc.

  SS12-AU Datasheet HTML 1Page - Pan Jit International Inc. SS12-AU Datasheet HTML 2Page - Pan Jit International Inc. SS12-AU Datasheet HTML 3Page - Pan Jit International Inc. SS12-AU Datasheet HTML 4Page - Pan Jit International Inc. SS12-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
July 16,2013-REV.06
SS12-AU~SS16-AU
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low power loss, high efficiency
• High surge capacity
• High current capacity, low V
F
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: JEDEC DO-214AC molded plastic
• Terminals:Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0023 ounce, 0.0679 gram
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
1.Pulse Test with PW =300µsec, 1% Duty Cycle.
2.Mounted on P.C. Board with 5.0mm2 (.013mm thick) copper pad areas.
VOLTAGE
20 to 60 Volts
CURRENT
1 Ampere
PA RA M E TE R
S YMB OL S S 12- AU SS 13-A U SS 14-A U SS 15- AU S S 16- A U UNITS
Ma xi mum Re c urr ent P eak Re ve r s e Vo ltage
V
RR M
20
30
40
50
60
V
Ma xi mum RMS Vo lta g e
V
RM S
14
21
28
35
4 2
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
20
30
40
50
60
V
Ma xi mum A verage F o rward C urr ent at T
L =7 5
OCI
F( AV )
1A
P eak For ward S ur ge C ur rent : 8.3ms s i ng le ha lf si ne - wave
s uper i mposed on r a ted load
I
FS M
30
A
Ma xi mum F o rward Vo ltage at 1A ( Note 1)
V
F
0.5
0 .7
V
Ma xi mum D C Re ve rs e C ur rent at Ra ted D C B lock i ng
Vo ltage
T
J =2 5
O C
T
J = 100
O C
I
R
0.2
50
0.1
50
mA
Typi cal Therm a l Re s i s tanc e ( Note 2)
R
JL
R
JA
28
88
OC / W
Oper ati ng Junc ti on Te m perature Ra ng e
T
J
- 55 to + 125
- 55 to + 150
OC
S torage Te m peratur e Ra ng e
T
STG
- 55 to + 150
OC
0.181(4.60)
0.157(4.00)
0.060(1.52)
0.030(0.76)
0.008(0.203)
0.002(0.051)
0.208(5.28)
0.188(4.80)
0 012(0 305)
..
0 006(0.152)
.


同様の部品番号 - SS12-AU

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
SS12-120 BWTECH-SS12-120 Datasheet
109Kb / 2P
   Low power loss, high effciency
logo
Nanjing International G...
SS12-1A-20V-DO-214AC DGNJDZ-SS12-1A-20V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS12-E3 VISHAY-SS12-E3 Datasheet
89Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 17-Dec-12
logo
Comchip Technology
SS12-G COMCHIP-SS12-G Datasheet
110Kb / 2P
   SMD Schottky Barrier Rectifier
logo
Micro Commercial Compon...
SS12-L MCC-SS12-L Datasheet
259Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
More results

同様の説明 - SS12-AU

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com