データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7611UG4 データシート(PDF) 3 Page - Texas Instruments

部品番号 DAC7611UG4
部品情報  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC7611UG4 データシート(HTML) 3 Page - Texas Instruments

  DAC7611UG4 Datasheet HTML 1Page - Texas Instruments DAC7611UG4 Datasheet HTML 2Page - Texas Instruments DAC7611UG4 Datasheet HTML 3Page - Texas Instruments DAC7611UG4 Datasheet HTML 4Page - Texas Instruments DAC7611UG4 Datasheet HTML 5Page - Texas Instruments DAC7611UG4 Datasheet HTML 6Page - Texas Instruments DAC7611UG4 Datasheet HTML 7Page - Texas Instruments DAC7611UG4 Datasheet HTML 8Page - Texas Instruments DAC7611UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
®
3
DAC7611
1
2
3
4
8
7
6
5
V
DD
CS
CLK
SDI
V
OUT
GND
CLR
LD
DAC7611
PIN CONFIGURATION
Top View
DIP
PIN CONFIGURATION
Top View
SOIC
VDD to GND .......................................................................... –0.3V to 6V
Digital Inputs to GND ............................................. –0.3V to VDD + 0.3V
VOUT to GND ........................................................... –0.3V to VDD + 0.3V
Power Dissipation ........................................................................ 325mW
Thermal Resistance,
θ
JA ............................................................ 150°C/W
Maximum Junction Temperature ................................................. +150
°C
Operating Temperature Range ...................................... –40
°C to +85°C
Storage Temperature Range ........................................ –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................. +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
1
2
3
4
8
7
6
5
V
DD
CS
CLK
SDI
V
OUT
GND
CLR
LD
DAC7611
PIN DESCRIPTION
PIN
LABEL
DESCRIPTION
1VDD
Power Supply
2
CS
Chip Select (active LOW).
3
CLK
Synchronous Clock for the Serial Data Input.
4
SDI
Serial Data Input. Data is clocked into the internal
serial register on the rising edge of CLK.
5
LD
Loads the Internal DAC Register. NOTE: The DAC
register is a transparent latch and is transparent
when LD is LOW (regardless of the state of CS or
CLK).
6
CLR
Asynchronous Input to Clear the DAC Register.
When CLR is strobbed LOW, the DAC register is set
to 000H and the output voltage to 0V.
7
GND
Ground
8VOUT
Voltage Output. Fixed output voltage range of ap-
proximately 0V to 4.095V (1mV/LSB). The internal
reference maintains this output range over time,
temperature, and power supply variations (within
the values defined in the specifications section).
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
MINIMUM
RELATIVE
DIFFERENTIAL
SPECIFICATION
PACKAGE
ACCURACY
NONLINEARITY
TEMPERATURE
DRAWING
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
RANGE
PACKAGE
NUMBER(1)
NUMBER(2)
MEDIA
DAC7611P
±2
±1
–40
°C to +85°C
8-Pin DIP
006
DAC7611P
Rails
DAC7611U
±2
±1
–40
°C to +85°C
8-Lead SOIC
182
DAC7611U
Rails
""
"
"
""
DAC7611U/2K5
Tape and Reel
DAC7611PB
±1
±1
–40
°C to +85°C
8-Pin DIP
006
DAC7611PB
Rails
DAC7611UB
±1
±1
–40
°C to +85°C
8-Lead SOIC
182
DAC7611UB
Rails
""
"
"
""
DAC7611UB/2K5
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “DAC7611/2K5” will get a single
2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.


同様の部品番号 - DAC7611UG4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC7611U BURR-BROWN-DAC7611U Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611UB BURR-BROWN-DAC7611UB Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC7611UG4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com