データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-IDC5 データシート(PDF) 1 Page - Crydom Inc.,

部品番号 M-IDC5
部品情報  I/O Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CRYDOM [Crydom Inc.,]
ホームページ  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

M-IDC5 データシート(HTML) 1 Page - Crydom Inc.,

  M-IDC5 Datasheet HTML 1Page - Crydom Inc., M-IDC5 Datasheet HTML 2Page - Crydom Inc., M-IDC5 Datasheet HTML 3Page - Crydom Inc., M-IDC5 Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M SERIES INPUT MODULES
• Plug into mounting boards for M Series modules
• AC Inputs (Yellow Case) for 24 V, 120 V, 240 V
• DC Inputs (White Case) for 3.3 to 32 V, 10 to 48 V
• 4kV Optical isolation
• Open-collector Output
• Industry standard packaging
SPECIFICATIONS (1)
Input
Part Number
M-IAC5
M- IAC5A
M- IAC24
M- IAC24A
M-IDC5
Voltage Range
90-140 VAC/DC
180-280 VAC/DC
90-140 VAC/DC
180-280 VAC/DC
3.3-32 VDC/AC
Maximum Current [mA](4)
6
5
6
5
34
Resistance [Ohms](2)(3)
28 k
75 k
28 k
75 k
500
Drop-out Current [mA](5)
2
1.5
2
1.5
1.0
Voltage for No Output [VAC/VDC](6)
50
50
50
50
2.0
Allowable Current [mA]
2.5
2
2.5
2
1.5
Output
Maximum Voltage[VDC](9)
30
30
30
30
30
Maximum Voltage Drop [VDC](12)
0.2
0.2
0.2
0.2
0.2
Nominal Logic Supply Voltage [VDC]
5.0
5.0
24
24
5.0
Logic Supply Voltage Range [VDC]
3.0-6.0
3.0-6.0
20-30
20-30
3.0-6.0
Maximum Current [mA](10)
50
50
50
50
50
Maximum Logic Supply Current [mA](7)
16.0
16.0
16.0
16.0
16.0
Maximum Logic Supply Leakage Current [µA](8)
10.0
10.0
10.0
10.0
10.0
Maximum Leakage Current [µA](11)
10.0
10.0
10.0
10.0
10.0
Maximum Turn-On Time [msec] (13)
20
20
20
20
1.0
Maximum Turn-Off Time [msec] (13)
20
20
20
20
1.0
SPECIFICATIONS (1)
Input
Part Number
M-IDC24
M-IDC5F
M-IDC5N
Voltage Range
3.3-32 VDC/AC
4-32 V
10-48 VDC/AC
Maximum Current [mA](4)
34
68
34
Resistance [Ohms](2)(3)
1 k
500
1 k
Drop-out Current [mA](5)
1
1
1
Voltage for No Output [VAC/VDC](6)
2
2
4
Allowable Current [mA]
1.5
1.5
1.5
Output
Maximum Voltage[VDC](9)
30
30
30
Maximum Voltage Drop [VDC](12)
0.2
0.2
0.2
Nominal Logic Supply Voltage [VDC]
24
5.0
5.0
Logic Supply Voltage Range [VDC]
20-30
3.0-6.0
3.0-6.0
Maximum Current [mA](10)
50
50
50
Maximum Logic Supply Current [mA](7)
16.0
16.0
16.0
Maximum Logic Supply Leakage Current [µA](8)
10.0
10.0
10.0
Maximum Leakage Current [µA](11)
10.0
10.0
10.0
Maximum Turn-On Time [msec] (13)
1.0
0.05
8.0
Maximum Turn-Off Time [msec] (13)
1.0
0.10
7.0


同様の部品番号 - M-IDC5

メーカー部品番号データシート部品情報
logo
Crydom Inc.,
M-IDC5 CRYDOM-M-IDC5 Datasheet
456Kb / 4P
   I/O Modules
More results

同様の説明 - M-IDC5

メーカー部品番号データシート部品情報
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com