データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G125DCKRE4 データシート(PDF) 7 Page - Texas Instruments

部品番号 74AUP1G125DCKRE4
部品情報  LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74AUP1G125DCKRE4 データシート(HTML) 7 Page - Texas Instruments

Back Button 74AUP1G125DCKRE4 Datasheet HTML 3Page - Texas Instruments 74AUP1G125DCKRE4 Datasheet HTML 4Page - Texas Instruments 74AUP1G125DCKRE4 Datasheet HTML 5Page - Texas Instruments 74AUP1G125DCKRE4 Datasheet HTML 6Page - Texas Instruments 74AUP1G125DCKRE4 Datasheet HTML 7Page - Texas Instruments 74AUP1G125DCKRE4 Datasheet HTML 8Page - Texas Instruments 74AUP1G125DCKRE4 Datasheet HTML 9Page - Texas Instruments 74AUP1G125DCKRE4 Datasheet HTML 10Page - Texas Instruments 74AUP1G125DCKRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SN74AUP1G125
www.ti.com
SCES595L – JULY 2004 – REVISED FEBRUARY 2013
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
20.5
1.2 V ± 0.1 V
4.6
8.4
13.7
3.6
16.6
1.5 V ± 0.1 V
3.5
5.9
9.3
2.4
11.1
tpd
A or B
Y
ns
1.8 V ± 0.15 V
3.9
4.7
7.5
1.3
9.1
2.5 V ± 0.2 V
2.3
3.4
5.3
1.6
6.4
3.3 V ± 0.3 V
2.1
2.8
4.3
1.4
5.2
0.8 V
21.8
1.2 V ± 0.1 V
4.9
10.2
16.8
4.4
20.2
1.5 V ± 0.1 V
3.9
7.3
11.2
3.3
13.5
ten
OE
Y
ns
1.8 V ± 0.15 V
3.4
5.8
9.2
2.7
11
2.5 V ± 0.2 V
2.5
4.3
6.4
2.1
7.8
3.3 V ± 0.3 V
2.1
3.7
5.4
1.9
6.4
0.8 V
13
1.2 V ± 0.1 V
3.8
6.6
11.7
1.2
14
1.5 V ± 0.1 V
2.2
4.7
7.9
1.3
9.3
tdis
OE
Y
ns
1.8 V ± 0.15 V
2.4
4.4
6.4
2.2
7.5
2.5 V ± 0.2 V
1.3
3.1
4.9
1.2
5.4
3.3 V ± 0.3 V
1.9
3.4
5
1.9
5.6
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
22.5
1.2 V ± 0.1 V
5.8
9.3
15.1
4.3
17.9
1.5 V ± 0.1 V
4.4
6.6
10.2
3
12.1
tpd
A or B
Y
ns
1.8 V ± 0.15 V
3.5
5.3
8.3
2.3
9.9
2.5 V ± 0.2 V
2.7
3.9
5.8
1.9
7
3.3 V ± 0.3 V
2.4
3.2
4.7
1.8
5.7
0.8 V
25.2
1.2 V ± 0.1 V
7
11.3
18.1
5.4
21.4
1.5 V ± 0.1 V
5.5
8.1
12.2
4.1
14.5
ten
OE
Y
ns
1.8 V ± 0.15 V
4.3
6.5
10.1
3.3
12
2.5 V ± 0.2 V
3.4
4.8
7.1
2.6
8.4
3.3 V ± 0.3 V
2.9
4.1
5.9
2.3
6.9
0.8 V
14
1.2 V ± 0.1 V
3.7
5.8
8.2
3.3
11
1.5 V ± 0.1 V
5.5
3.9
5.9
2.1
8
tdis
OE
Y
ns
1.8 V ± 0.15 V
3.3
4.5
6.6
2.9
7.4
2.5 V ± 0.2 V
2.3
3.2
4.3
1.8
5.1
3.3 V ± 0.3 V
2.4
4.8
6.2
3.1
6.7
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74AUP1G125


同様の部品番号 - 74AUP1G125DCKRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AUP1G125DCKRE4 TI-74AUP1G125DCKRE4 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DCKRE4 TI-74AUP1G125DCKRE4 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DCKRE4 TI-74AUP1G125DCKRE4 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

同様の説明 - 74AUP1G125DCKRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com