データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3157DBVRE4 データシート(PDF) 6 Page - Texas Instruments

部品番号 TS5A3157DBVRE4
部品情報  10OHM SPDT ANALOG SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3157DBVRE4 データシート(HTML) 6 Page - Texas Instruments

Back Button TS5A3157DBVRE4 Datasheet HTML 2Page - Texas Instruments TS5A3157DBVRE4 Datasheet HTML 3Page - Texas Instruments TS5A3157DBVRE4 Datasheet HTML 4Page - Texas Instruments TS5A3157DBVRE4 Datasheet HTML 5Page - Texas Instruments TS5A3157DBVRE4 Datasheet HTML 6Page - Texas Instruments TS5A3157DBVRE4 Datasheet HTML 7Page - Texas Instruments TS5A3157DBVRE4 Datasheet HTML 8Page - Texas Instruments TS5A3157DBVRE4 Datasheet HTML 9Page - Texas Instruments TS5A3157DBVRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
Electrical Characteristics for 3.3-V Supply
(1) (Continued)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
3.3 V
3.5
7
9.5
VCOM = 2 V,
CL = 35 pF,
Turn-on time
tON
ns
3 V to
RL = 300 Ω,
See Figure 17
Full
1.5
10.5
3.6 V
25
°C
3.3 V
1
3.5
6.5
VCOM = 2 V,
CL = 35 pF,
Turn-off time
tOFF
ns
3 V to
RL = 300 Ω,
See Figure 17
Full
1
7.5
3.6 V
25
°C
3.3 V
2.5
3
5
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
3 V to
make time
RL = 50 Ω,
See Figure 18
Full
2
5
3.6 V
VGEN = 0,
CL = 0.1 nF,
Charge injection
QC
25
°C
3.3 V
3
pC
RGEN = 0,
See Figure 22
NO, NC
VNO or VNC = V+ or GND,
CNO(OFF)
See Figure 16
25
°C
3.3 V
5.5
pF
OFF capacitance
Switch OFF,
NO, NC
VNO or VNC = V+ or GND,
CNO(ON)
See Figure 16
25
°C
3.3 V
17.5
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25
°C
3.3 V
17.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
3.3 V
2.8
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 19
25
°C
3.3 V
300
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
3.3 V
–65
dB
f = 10 MHz,
See Figure 20
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
3.3 V
–66
dB
f = 10 MHz,
See Figure 21
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25
°C
3.3 V
0.015
%
distortion
CL = 50 pF,
See Figure 23
Supply
25
°C
2.5
5
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
3.6 V
μA
current
Full
10
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
6
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TS5A3157


同様の部品番号 - TS5A3157DBVRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3157DBVRE4 TI-TS5A3157DBVRE4 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
More results

同様の説明 - TS5A3157DBVRE4

メーカー部品番号データシート部品情報
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com