データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD767AD データシート(PDF) 6 Page - Analog Devices

部品番号 AD767AD
部品情報  Microprocessor-Compatible 12-Bit D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD767AD データシート(HTML) 6 Page - Analog Devices

  AD767AD Datasheet HTML 1Page - Analog Devices AD767AD Datasheet HTML 2Page - Analog Devices AD767AD Datasheet HTML 3Page - Analog Devices AD767AD Datasheet HTML 4Page - Analog Devices AD767AD Datasheet HTML 5Page - Analog Devices AD767AD Datasheet HTML 6Page - Analog Devices AD767AD Datasheet HTML 7Page - Analog Devices AD767AD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD767
REV. A
–6–
USING THE AD767 WITH THE AD588 HIGH PRECISION
VOLTAGE REFERENCE
The AD767 is specified for gain drift from 15 ppm/
°C to
30 ppm/
°C (depending on grade) using its internal 10 volt
reference. Since the internal reference contributes the majority
of this drift, an external high-precision voltage reference will
greatly improve performance over temperature. As shown in
Figure 4, the 10 volt output from the AD588 is used as the
reference. With a 1.5 ppm/
°C output voltage drift the AD588
contributes less than 1/2 LSB gain drift when used with the
AD767 over the industrial temperature range. Using this
combination may result in apparent increases in full-scale error
due to the differences between the internal reference by which
the device is laser trimmed and the external reference with
which the device is actually applied. The AD767 internal
reference is specified to be 10 volts
±100 mV whereas the
AD588 is specified as 10 volts
±1 mV. This may result in up to
101 mV of apparent full-scale error beyond the
±25 mV
specified AD767 gain error. The 500
Ω potentiometer in series
with the reference input allows adequate trim range to null this
error.
GROUNDING RULES
The AD767 brings out separate analog and power grounds to
allow optimum connections for low noise and high-speed
performance. These grounds should be tied together at one
point, usually the device power ground. The separate ground
returns are provided to minimize current flow in low-level signal
paths.
The analog ground at Pin 5 is the ground point for the output
amplifier and is thus the “high quality” ground for the AD767;
it should be connected directly to the analog reference point of
the system. The power ground at Pin 12 can be connected to
the most convenient ground point; analog power return is
preferred. If power ground contains high frequency noise
beyond 200 mV, this noise may feed through the converter, thus
some caution will be required in applying these grounds.
It is also important to apply decoupling capacitors properly on
the power supplies for the AD767. The correct method for
decoupling is to connect a capacitor from each power supply pin
of the AD767 to the analog ground pin of the AD767. Any load
driven by the output amplifier should also be referred to the
analog ground pin.
OPTIMIZING SETTLING TIME
The dynamic performance of the AD767’s output amplifier can
be optimized by adding a small (20 pF) capacitor across the
feedback resistor. Figure 5 shows the improvement in both
large-signal and small-signal settling for the 10 V range. In
Figure 5a, the top trace shows the data inputs (DB11–DB0 tied
together), the second trace shows the CS pulse, and the lower
two traces show the analog outputs for CF = 0 and 20 pF
respectively.
Figure 5a. Large Scale Settling
Figures 5b and 5c show the settling time for the transition from
all bits on to all bits off. Note that the settling time to
±1/2 LSB
for the 10 V step is improved from 2.4 microseconds to 1.6
microseconds by the addition of the 20 pF capacitor.
Figure 5b. Fine-Scale Settling, CF = 0 pF
Figure 5c. Fine-Scale Settling, CF = 20 pF
Figures 5d and 5e show the settling time for the transition from
all bits off to all bits on. The improvement in settling time
gained by adding CC = 20 pF is similar.
Figure 5d. Fine-Scale Settling, CF = 0 pF


同様の部品番号 - AD767AD

メーカー部品番号データシート部品情報
logo
Analog Devices
AD767AD AD-AD767AD Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767AD AD-AD767AD Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767AD AD-AD767AD Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767AD AD-AD767AD Datasheet
627Kb / 8P
   Microprocessor - Compatible 12-Bit D/A Comverter
REV. A
More results

同様の説明 - AD767AD

メーカー部品番号データシート部品情報
logo
Analog Devices
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
   12-Bit, Microprocessor- Compatible A/D Converter
logo
Analog Devices
AD567SD AD-AD567SD Datasheet
7Mb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667_15 Datasheet
759Kb / 8P
   Microprocessor Compatible 12 bit D/A Converter
REV. A
AD667 AD-AD667 Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com