データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5246BKSZ10-RL7 データシート(PDF) 5 Page - Analog Devices

部品番号 AD5246BKSZ10-RL7
部品情報  128-Position I2C-Compatible Digital Resistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5246BKSZ10-RL7 データシート(HTML) 5 Page - Analog Devices

  AD5246BKSZ10-RL7 Datasheet HTML 1Page - Analog Devices AD5246BKSZ10-RL7 Datasheet HTML 2Page - Analog Devices AD5246BKSZ10-RL7 Datasheet HTML 3Page - Analog Devices AD5246BKSZ10-RL7 Datasheet HTML 4Page - Analog Devices AD5246BKSZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5246BKSZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5246BKSZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5246BKSZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5246BKSZ10-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD5246
Rev. C | Page 5 of 16
TIMING CHARACTERISTICS
VDD = 5 V ± 10% or 3 V ± 10%; VA = VDD; –40°C < TA < +125°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
I2C INTERFACE TIMING CHARACTERISTICS2, 3, 4
SCL Clock Frequency
fSCL
400
kHz
tBUF Bus Free Time Between STOP and START
t1
1.3
µs
tHD;STA Hold Time (Repeated START)
t2
After this period, the first clock pulse is
generated
0.6
µs
tLOW Low Period of SCL Clock
t3
1.3
µs
tHIGH High Period of SCL Clock
t4
0.6
50
µs
tSU;STA Setup Time for Repeated START Condition
t5
0.6
µs
tHD;DAT Data Hold Time
t6
0.9
µs
tSU;DAT Data Setup Time
t7
100
ns
tF Fall Time of Both SDA and SCL Signals
t8
300
ns
tR Rise Time of Both SDA and SCL Signals
t9
300
ns
tSU;STO Setup Time for STOP Condition
t10
0.6
µs
1
Typical specifications represent average readings at 25°C and VDD = 5 V.
2
Guaranteed by design; not subject to production test.
3
See timing diagrams (Figure 26, Figure 27, and Figure 28) for locations of measured values.
4
Specifications apply to all parts.


同様の部品番号 - AD5246BKSZ10-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5246BKS10-R2 AD-AD5246BKS10-R2 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
AD5246BKS10-RL7 AD-AD5246BKS10-RL7 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
AD5246BKS100-R2 AD-AD5246BKS100-R2 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
AD5246BKS100-RL7 AD-AD5246BKS100-RL7 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
AD5246BKS5-R2 AD-AD5246BKS5-R2 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
More results

同様の説明 - AD5246BKSZ10-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com