データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7709ARU データシート(PDF) 5 Page - Analog Devices

部品番号 AD7709ARU
部品情報  16-Bit - ADC with Switchable Current Sources
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7709ARU データシート(HTML) 5 Page - Analog Devices

  AD7709ARU Datasheet HTML 1Page - Analog Devices AD7709ARU Datasheet HTML 2Page - Analog Devices AD7709ARU Datasheet HTML 3Page - Analog Devices AD7709ARU Datasheet HTML 4Page - Analog Devices AD7709ARU Datasheet HTML 5Page - Analog Devices AD7709ARU Datasheet HTML 6Page - Analog Devices AD7709ARU Datasheet HTML 7Page - Analog Devices AD7709ARU Datasheet HTML 8Page - Analog Devices AD7709ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REV. A
Parameter
AD7709A,
AD7709BUnit
Test Conditions
LOGIC OUTPUTS (Excluding XTAL2)
VOH, Output High Voltage
2
VDD – 0.6
V min
VDD = 3 V, ISOURCE = 100
mA
VOL, Output Low Voltage
2
0.4
V max
VDD = 3 V, ISINK = 100
mA
VOH, Output High Voltage
2
4V min
VDD = 5 V, ISOURCE = 200
mA
VOL, Output Low Voltage
2
0.4
V max
VDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage Current
±10
mA max
Floating-State Output Capacitance
±10
pF typ
Data Output Coding
Binary
Unipolar Mode
Offset Binary
Bipolar Mode
I/O PORT
VINL, Input Low Voltage
2
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
VINH, Input High Voltage
2
2.0
V min
VDD = 3 V or 5 V
Input Currents
±2
mA max
VIN = VDD
–70
mA max
VIN = GND, Typically –40
mA @ VDD = 5 V
and –20
mA at VDD = 3 V; Weak Pull-Ups on
the Logic Inputs
Input Capacitance
10
pF typ
All Digital Inputs
VOH, Output High Voltage
2
VDD – 0.6
V min
VDD = 3 V, ISOURCE = 100
mA
VOL, Output Low Voltage
2
0.4
V max
VDD = 3 V, ISINK = 100
mA
VOH, Output High Voltage
2
4V min
VDD = 5 V, ISOURCE = 200
mA
VOL, Output Low Voltage
2
0.4
V max
VDD = 5 V, ISINK = 1.6 mA
Floating-State Output Leakage Current
±10
mA max
Floating-State Output Capacitance
±10
pF typ
START-UP TIME
From Power-On
300
ms typ
From Standby Mode
1
ms typ
OSCPD = 0
From Power-Down Mode
300
ms typ
OSCPD = 1
POWER REQUIREMENTS
Power Supply Voltage
VDD – GND
2.7/3.6
V min/max
VDD = 3 V nom
4.75/5.25
V min/max
VDD = 5 V nom
Power Supply Currents
IDD Current
1.5
mA max
VDD = 3 V, 1.25 mA typ
1.75
mA max
VDD = 5 V, 1.45 mA typ
IDD (Low Power Mode)
7
mA max
B Grade, VDD = 3 V, Standby Mode
7
mA typ
A Grade, VDD = 3 V, Standby Mode
1.5
mA max
B Grade, VDD = 3 V, Power-Down Mode
1.5
mA typ
A Grade, VDD = 3 V, Power-Down Mode
26
mA max
B Grade, VDD = 5 V, Standby Mode
26
mA typ
A Grade, VDD = 5 V, Standby Mode
6.5
mA max
B Grade, VDD = 5 V, Power-Down Mode
6.5
mA typ
A Grade, VDD = 5 V, Power-Down Mode
IDD for One Conversion Second
107
5
mA typ
VDD = 3 V, Standby Mode
134
5
mA typ
VDD = 5 V, Standby Mode
NOTES
1Temperature Range –40
∞C to +85∞C.
2Guaranteed by design and/or characterization data on production release.
3Full-scale error applies to both positive and negative full scale.
4Simultaneous 50 Hz and 60 Hz rejection is achieved using 19.79 Hz update rate. Normal mode rejection in this case is 60 dB min.
5When the part is placed in power-down mode for a single conversion/second, at an update rate of 19.79 Hz, the current consumption is higher compared to when the
part is placed in standby mode as the crystal oscillator takes approximately 100 ms to begin clocking. The device will, therefore, use full current for the conversion
time and the 100 ms period required for the oscillator to begin clocking. However, if the conversion rate is lower, the current consumption will be reduced so that it
is worthwhile to use the power-down rather than the standby mode.
Specifications subject to change without notice.
AD7709
–5–


同様の部品番号 - AD7709ARU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7709ARU AD-AD7709ARU Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
437Kb / 33P
   16-Bit ADC with Switchable Current Sources
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com