データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7SZ34FU データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7SZ34FU
部品情報  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ34FU データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ34FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ34FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ34FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ34FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ34FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ34FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ34FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7SZ34F/FU
2012-09-03
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ34F,TC7SZ34FU
Non-Inverter
Features
• High output current
: ±24 mA (min) at VCC = 3 V
• Super high speed operation : tpd = 2.4 ns (typ.)
at VCC = 5 V, 50 pF
• Operating voltage range
: VCC = 1.65 to 5.5 V
• 5.5-V tolerant input
• 5.5-V power down protection output
• Matches the performance of TC74LCX series when operated
at 3.3-V VCC
Marking
Absolute Maximum Ratings (Ta = 25°C)
Pin Assignment (top view)
TC7SZ34F
TC7SZ34FU
Weight:
SSOP5-P-0.95 : 0.016 g (typ)
SSOP5-P-0.65A: 0.006 g (typ)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 6
V
DC Input voltage
VIN
−0.5 to 6
V
−0.5 to 6 (Note1)
DC output voltage
VOUT
−0.5 to VCC +0.5 (Note 2)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
(Note3)
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65 to 150
°C
Lead temperature (10 s)
TL
260
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: VCC = 0V
Note 2: High or Low state. Do not exceed IOUT of absolute maximum ratings.
Note 3: VOUT <GND
Product Name
J F
5 VCC
4
OUT Y
IN A
2
GND
3
NC
1
(SMV)
(USV)


同様の部品番号 - TC7SZ34FU

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7SZ34FU TOSHIBA-TC7SZ34FU_12 Datasheet
175Kb / 7P
   Non-Inverter
More results

同様の説明 - TC7SZ34FU

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com