データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP2303 データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 TLP2303
部品情報  Photocouplers GaA As Infrared LED & Photo IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2303 データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button TLP2303 Datasheet HTML 5Page - Toshiba Semiconductor TLP2303 Datasheet HTML 6Page - Toshiba Semiconductor TLP2303 Datasheet HTML 7Page - Toshiba Semiconductor TLP2303 Datasheet HTML 8Page - Toshiba Semiconductor TLP2303 Datasheet HTML 9Page - Toshiba Semiconductor TLP2303 Datasheet HTML 10Page - Toshiba Semiconductor TLP2303 Datasheet HTML 11Page - Toshiba Semiconductor TLP2303 Datasheet HTML 12Page - Toshiba Semiconductor TLP2303 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TLP2303
10
13.
13.
13.
13. Soldering and Storage
Soldering and Storage
Soldering and Storage
Soldering and Storage
13.1.
13.1.
13.1.
13.1. Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective
of whether a soldering iron or a reflow soldering method is used.
When using soldering reflow (See Fig. 13.1.1 and 13.1.2)
Reflow soldering must be performed once or twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
Fig.
Fig.
Fig.
Fig. 13.1.1
13.1.1
13.1.1
13.1.1 An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
When Sn-Pb Eutectic Solder Is Used
When Sn-Pb Eutectic Solder Is Used
When Sn-Pb Eutectic Solder Is Used
When Sn-Pb Eutectic Solder Is Used
Fig.
Fig.
Fig.
Fig. 13.1.2
13.1.2
13.1.2
13.1.2 An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
When Lead(Pb)-Free Solder Is Used
When Lead(Pb)-Free Solder Is Used
When Lead(Pb)-Free Solder Is Used
When Lead(Pb)-Free Solder Is Used
When using soldering flow (Applicable to both eutectic solder and Lead(Pb)-Free solder)
Apply preheating of 150  for 60 to 120 seconds.
Mounting condition of 260  within 10 seconds is recommended.
Flow soldering must be performed once.
When using soldering Iron (Applicable to both eutectic solder and Lead(Pb)-Free solder)
Complete soldering within 10 seconds for lead temperature not exceeding 260  or within 3 seconds not
exceeding 350  Heating by soldering iron must be done only once per lead.
13.2.
13.2.
13.2.
13.2. Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Avoid storage locations where devices may be exposed to moisture or direct sunlight.
Follow the precautions printed on the packing label of the device for transportation and storage.
Keep the storage location temperature and humidity within a range of 5  to 35  and 45% to 75%,
respectively.
Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
When restoring devices after removal from their packing, use anti-static containers.
Do not allow loads to be applied directly to devices while they are in storage.
If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.
2012-12-26
Rev.1.0


同様の部品番号 - TLP2303

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
   Photocouplers GaA-As Infrared LED - Photo IC
More results

同様の説明 - TLP2303

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
   Photocouplers GaA-As Infrared LED - Photo IC
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
   Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
   Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com