データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD13280AF データシート(PDF) 1 Page - Analog Devices

部品番号 AD13280AF
部品情報  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD13280AF データシート(HTML) 1 Page - Analog Devices

  AD13280AF Datasheet HTML 1Page - Analog Devices AD13280AF Datasheet HTML 2Page - Analog Devices AD13280AF Datasheet HTML 3Page - Analog Devices AD13280AF Datasheet HTML 4Page - Analog Devices AD13280AF Datasheet HTML 5Page - Analog Devices AD13280AF Datasheet HTML 6Page - Analog Devices AD13280AF Datasheet HTML 7Page - Analog Devices AD13280AF Datasheet HTML 8Page - Analog Devices AD13280AF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual-Channel, 12-Bit, 80 MSPS ADC
with Analog Input Signal Conditioning
AD13280
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 80 MSPS, minimum sample rate
Channel-to-channel matching, ±1% gain error
90 dB channel-to-channel isolation
DC-coupled signal conditioning
80 dB spurious-free dynamic range
Selectable bipolar inputs (±1 V and ±0.5 V ranges)
Integral single-pole, low-pass Nyquist filter
Twos complement output format
3.3 V compatible outputs
1.85 W per channel
APPLICATIONS
Radar processing (optimized for I/Q baseband operation)
Phased array receivers
Multichannel, multimode receivers
GPS antijamming receivers
Communications receivers
PRODUCT HIGHLIGHTS
1.
Guaranteed sample rate of 80 MSPS.
2.
Input signal conditioning; gain and impedance match.
3.
Single-ended, differential, or off-module filter option.
4.
Fully tested/characterized full channel performance.
FUNCTIONAL BLOCK DIAGRAM
TIMING
3
9
12
VREF
DROUT
12
ENCODEA
ENCODEA
D9A D10A D11A
(MSB)
D0B
(LSB)
D1B
D3B
D2B
D4B D5B D6B
D7B
D8B
TIMING
D9B
7
5
ENCODEB
ENCODEB
B–IN
D10B
D11B (MSB)
D0A (LSB)
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
AD13280
DROUTA
AMP-IN-B-2
AMP-IN-B-1
AMP-IN-A-2
AMP-IN-A-1
AMP-OUT-A
A–IN
A+IN
B+IN
AMP-OUT-B
DROUTB
VREF
DROUT
100OUTPUT TERMINATORS
100OUTPUT TERMINATORS
Figure 1.


同様の部品番号 - AD13280AF

メーカー部品番号データシート部品情報
logo
Analog Devices
AD13280AF AD-AD13280AF Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
More results

同様の説明 - AD13280AF

メーカー部品番号データシート部品情報
logo
Analog Devices
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
logo
Texas Instruments
ADS61B23 TI-ADS61B23 Datasheet
1Mb / 51P
[Old version datasheet]   12-BIT, 80-MSPS ADC WITH BUFFERED ANALOG INPUTS
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com