データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD73360ASU データシート(PDF) 3 Page - Analog Devices

部品番号 AD73360ASU
部品情報  Six-Input Channel Analog Front End
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD73360ASU データシート(HTML) 3 Page - Analog Devices

  AD73360ASU Datasheet HTML 1Page - Analog Devices AD73360ASU Datasheet HTML 2Page - Analog Devices AD73360ASU Datasheet HTML 3Page - Analog Devices AD73360ASU Datasheet HTML 4Page - Analog Devices AD73360ASU Datasheet HTML 5Page - Analog Devices AD73360ASU Datasheet HTML 6Page - Analog Devices AD73360ASU Datasheet HTML 7Page - Analog Devices AD73360ASU Datasheet HTML 8Page - Analog Devices AD73360ASU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
REV. A
–3–
AD73360
AD73360A
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
VINH, Input High Voltage
VDD – 0.8
VDD
V
VINL, Input Low Voltage
0
0.8
V
IIH, Input Current
10
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUTS
VOH, Output High Voltage
VDD – 0.4
VDD
V
|IOUT|
≤ 100 µA
VOL, Output Low Voltage
0
0.4
V
|IOUT|
≤ 100 µA
Three-State Leakage Current
–10
+10
µA
POWER SUPPLIES
AVDD1, AVDD2
2.7
3.3
V
DVDD
2.7
3.3
V
IDD
8
See Table I
NOTES
1Operating temperature range is as follows: –40
°C to +85°C. Therefore, T
MIN = –40
°C and T
MAX = +85
°C.
2Test conditions: Input PGA set for 0 dB gain (unless otherwise noted).
3At input to sigma-delta modulator of ADC.
4Guaranteed by design.
5Overall group delay will be affected by the sample rate and the external digital filtering.
6The ADC’s input impedance is inversely proportional to DMCLK and is approximated by: (4
× 1011)/DMCLK.
7Frequency response of ADC measured with input at audio reference level (the input level that produces an output level of –10 dBm0), with 38 dB preamplifier
bypassed and input gain of 0 dB.
8Test Conditions: no load on digital inputs, analog inputs ac coupled to ground.
Specifications subject to change without notice.
Table I. Current Summary (AVDD = DVDD = 3.3 V)
Total
Analog
Digital
Current
MCLK
Conditions
Current
Current
(Max)
SE
ON
Comments
ADCs Only On
12
10
26.5
1
YES
REFOUT Disabled
REFCAP Only On
0.75
0.04
1.0
0
NO
REFOUT Disabled
REFCAP and
REFOUT Only On
3.3
0.04
4.5
0
NO
All Sections Off
0.01
1.2
1.5
0
YES
MCLK Active Levels Equal to 0 V and DVDD
All Sections Off
0.01
0.03
0.1
0
NO
Digital Inputs Static and Equal to 0 V or DVDD
The above values are in mA and are typical values unless otherwise noted. MCLK = 16.384 MHz; SCLK = 16.384 MHz.


同様の部品番号 - AD73360ASU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD73360ASU AD-AD73360ASU Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360ASU AD-AD73360ASU Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360ASUZ AD-AD73360ASUZ Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73360ASUZ-REEL AD-AD73360ASUZ-REEL Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
More results

同様の説明 - AD73360ASU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com