データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLHM620PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRLHM620PBF
部品情報  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLHM620PBF データシート(HTML) 1 Page - International Rectifier

  IRLHM620PBF Datasheet HTML 1Page - International Rectifier IRLHM620PBF Datasheet HTML 2Page - International Rectifier IRLHM620PBF Datasheet HTML 3Page - International Rectifier IRLHM620PBF Datasheet HTML 4Page - International Rectifier IRLHM620PBF Datasheet HTML 5Page - International Rectifier IRLHM620PBF Datasheet HTML 6Page - International Rectifier IRLHM620PBF Datasheet HTML 7Page - International Rectifier IRLHM620PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11/4/2010
IRLHM620PbF
HEXFET® Power MOSFET
Notes
 through … are on page 8
PD - 97565A
www.irf.com
1
3.3mm x 3.3mm PQFN
3
2
1
8
7
6
5
4
D
D
D
D
S
S
S
G
Applications
Battery Operated DC Motor Inverter MOSFET
Secondary Side Synchronous Rectification MOSFET
Note
Form
Quantity
IRLHM620TRPBF
PQFN 3.3mm x 3.3mm
Tape and Reel
4000
IRLHM620TR2PBF
PQFN 3.3mm x 3.3mm
Tape and Reel
400
Orderable part number
Package Type
Standard Pack
Features and Benefits
VDS
20
V
VGS max
±12
V
RDS(on) max
(@VGS = 4.5V)
2.5
m
RDS(on) max
(@VGS = 2.5V)
3.5
m
Qg (typical)
52
nC
ID
(@Tc(Bottom) = 25°C)
40h
A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 4.5V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
W
A
°C
Max.
26
40
160
±12
20
21
40
-55 to + 150
2.7
0.022
37
Features
Benefits
Low RDSon (<2.5m
Ω)
Lower Conduction Losses
Low Thermal Resistance to PCB (<3.4°C/W)
Enable better thermal dissipation
Low Profile (<1.0mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability


同様の部品番号 - IRLHM620PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLHM620PBF IRF-IRLHM620PBF Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com