データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4755AP データシート(PDF) 1 Page - Microsemi Corporation

部品番号 1N4755AP
部品情報  Silicon 1 Watt Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4755AP データシート(HTML) 1 Page - Microsemi Corporation

  1N4755AP Datasheet HTML 1Page - Microsemi Corporation 1N4755AP Datasheet HTML 2Page - Microsemi Corporation 1N4755AP Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon 1 Watt Zener Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2005
10-18-2005 REV C
S C O T TS DALE DIVISION
1N4728AP thru 1N4764AP,e3 (PLASTIC)
DESCRIPTION
APPEARANCE
The popular 1N4728AP thru 1N4764AP series of 1.0 watt Zeners provides
voltage regulation in a selection from 3.3 to 100 volts in 5% tolerances with
other tighter tolerances also available as identified by different suffix letters
in the part number.
These plastic encapsulated Zeners are moisture
classified as Level 1 with no dry pack required. They are also available in
various military screening levels by adding a prefix identifier as described in
the Features below. These plastic molded Zeners with a P suffix provide a
lower thermal resistance compared to the glass-body (G suffix) option for
these same JEDEC part numbers. Both package options are available by
Microsemi in RoHS Compliant devices with an “e3” suffix. Microsemi also
offers numerous other Zener products to meet higher and lower power and
test current applications.
DO-41 or
DO-204AL
(Plastic)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• JEDEC registered 1N4728A to 1N4764A
• Extensive voltage selection from 3.3 to 100 V
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
• Surface mount equivalents available as SMAJ4728A to
SMAJ4764A and MLL4728A to MLL4764A (consult
factory for others)
• RoHS Compliant devices available by adding “e3” suffix
Regulates voltage over a broad operating current and
temperature range
Standard voltage tolerances are plus/minus 5% with
A suffix and 10 % with no suffix identification
Tight tolerances available in plus or minus 2% or 1%
with C or D suffix respectively
Flexible axial-lead mounting terminals
Nonsensitive to ESD per MIL-STD-750 Method 1020
Moisture classification is Level 1 per IPC/JEDEC J-
STD-020B with no dry pack required
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Power dissipation at 25
ºC: 1.0 watts (also see
derating in Figure 1).
Operating and Storage temperature: -65
ºC to
+150
ºC
Thermal Resistance: 45
ºC/W junction to lead at 3/8
(10 mm) lead length from body, or 105
ºC/W junction
to ambient when mounted on FR4 PC board (1 oz
Cu) with 4 mm
2 copper pads and track width 1 mm,
length 25 mm
Steady-State Power: 1.0 watts at TL < 105
oC 3/8
inch (10 mm) from body or at TA < 45
ºC when
mounted on FR4 PC board as described for thermal
resistance above (also see Figure 1)
Forward voltage @200 mA: 1.2 volts (maximum)
Solder Temperatures: 260
ºC for 10 s (max)
CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
TERMINALS: Tin-Lead (Sn/Pb) or RoHS Compliant
annealed matte-Tin plating solderable per MIL-STD-
750, method 2026
POLARITY: Cathode indicated by band. Diode to be
operated with the banded end positive with respect to
the opposite end for Zener regulation
MARKING: Part number
TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
WEIGHT: 0.7 grams
See package dimensions on last page


同様の部品番号 - 1N4755AP

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
1N4755AP CHENG-YI-1N4755AP Datasheet
490Kb / 3P
   1W GLASS PASSIVATED CHIP & PLASTIC CASE ZENER DIODE
logo
Micro Commercial Compon...
1N4755AP MCC-1N4755AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
More results

同様の説明 - 1N4755AP

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4744APTR8 MICROSEMI-1N4744APTR8 Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Micro Commercial Compon...
SMAJ4728 MCC-SMAJ4728 Datasheet
387Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N3017B NJSEMI-1N3017B Datasheet
230Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
101Kb / 2P
   Silicon 1 WATT Zener Diodes
1N4728AG MICROSEMI-1N4728AG Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
1N3821 MICROSEMI-1N3821 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
88Kb / 2P
   SILICON 1 WATT ZENER DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com