データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC101S101 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC101S101
部品情報  ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101S101 データシート(HTML) 10 Page - Texas Instruments

Back Button ADC101S101 Datasheet HTML 6Page - Texas Instruments ADC101S101 Datasheet HTML 7Page - Texas Instruments ADC101S101 Datasheet HTML 8Page - Texas Instruments ADC101S101 Datasheet HTML 9Page - Texas Instruments ADC101S101 Datasheet HTML 10Page - Texas Instruments ADC101S101 Datasheet HTML 11Page - Texas Instruments ADC101S101 Datasheet HTML 12Page - Texas Instruments ADC101S101 Datasheet HTML 13Page - Texas Instruments ADC101S101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADC121S021
SNAS305H – JULY 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 50 ksps to 200 ksps,fSCLK = 1 MHz to 4 MHz, fIN = 100 kHz unless otherwise stated.
SNR
SINAD
vs.
vs.
Clock Frequency
Clock Frequency
Figure 10.
Figure 11.
SFDR
THD
vs.
vs.
Clock Frequency
Clock Frequency
Figure 12.
Figure 13.
Power Consumption
vs.
Spectral Response, VA = 5.25 V
Throughput,
fSCLK = 4 MHz
fSCLK = 4 MHz
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC121S021


同様の部品番号 - ADC101S101

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC101S101 NSC-ADC101S101 Datasheet
916Kb / 23P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
logo
Texas Instruments
ADC101S101 TI-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
More results

同様の説明 - ADC101S101

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC121S021 TI1-ADC121S021_14 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com