データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1705DPTPA3 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM1705DPTPA3
部品情報  AM1705 ARM Microprocessor
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTPA3 データシート(HTML) 7 Page - Texas Instruments

Back Button AM1705DPTPA3 Datasheet HTML 3Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 4Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 5Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 6Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 7Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 8Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 9Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 10Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 164 page
background image
AM1705
www.ti.com
SPRS657D – FEBRUARY 2010 – REVISED MARCH 2013
Revision History (continued)
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 5.5.1, Power-On Reset (POR):
Section 5.5
Updated/Changed "RTCK is maintained active through a POR." to "RTCK/GP7[14] is maintained active
Reset
through a POR."
Section 5.5.2, Warm Reset:
Updated/Changed “A warm reset provides …” paragraph
Updated/Changed "RTCK is maintained active through a warm reset." to "RTCK/GP7[14] is maintained
active through a warm reset."
Table 5-7, AINTC System Interrupt Assignments:
Section 5.8.1.4
AINTC System
Updated/Changed SYSTEM INTERRUPT 27 INTERRUPT NAME from “PROTERR” to
Interrupt
“MPU_BOOTCFG_ERR”
Assignments on the
Updated/Changed SYSTEM INTERRUPT 27 SOURCE from “SYSCFG Protection Shared Interrupt” to
device
“Shared MPU and SYSCFG Address/Protection Error Interrupt"
Table 5-8, AINTC Memory Map:
Section 5.8.1.5
AINTC Memory Map •
Deleted "[0]" to 0xFFFE F500 "HIER" REGISTER NAME
Section 5.11
Section 5.11.2, EMIFA Connection Examples:
External Memory
Added new Subsection
Interface A (EMIFA)
Section 5.12
Figure 5-17, EMIFB Functional Block Diagram:
External Memory
Added MPU2 block to figure
Interface B (EMIFB)
Section 5.12.1, EMIFB SDRAM Loading Limitations:
Moved subsection from Interfacing to SDRAM section to under Section 5.12.1, External Memory
Interface B (EMIFB)
Updated/Changed “EMIFB supports SDRAM up to 133 MHz …” to “EMIFB supports SDRAM up to 152
MHz …”
Section 5.12.2, EMIFB Supported SDRAM Configurations:
Section 5.12.2
Interfacing to
Updated/Changed the table to include 8-bit SDRAM Memory Data Bus Width entries
SDRAM
Updated/Changed "Number of Memories" column from "2" to "1" for the 16-Bit data bus width
Table 5-25, EMIFB SDRAM Interface Switching Characteristics:
Section 5.12.4
Updated/Changed PARAMETER No. 1, tc(CLK) Cycle time, EMIF clock EMB_CLK MIN value from “7.5”
EMIFB Electrical
to “6.579” ns
Data/Timing
Updated/Changed PARAMETER No. 2, tw(CLK) Pulse width, EMIF clock EMB_CLK high or low MIN
value from “3” to “2.63” ns
Section 5.26.1
Section 5.26.1.1, Power Domain States:
Power Domain and
Added new subsection
Module Topology
Section 5.29.1, JTAG Peripheral Register Description(s) – JTAG ID Register (DEVIDR0):
Section 5.29
IEEE 1149.1 JTAG
Added Silicon Revisions "3.0" and "2.1" to the "0x9B7D F02F for silicon revision 2.0" bullet
Section 6.1.2
Device and
Updated/Changed subsection title from “Device Nomenclature” to “Device and Development-Support Tool
Development-
Nomenclature"
Support Tool
Nomenclature
Figure 6-1, Device Nomenclature:
Updated/Changed Silicon Revision to include Revision 3.0
Section 7
Deleted “Mechanical Drawings” section
Mechanical
Deleted Packaging Materials Information subsection (was Section 7.1 in the previous revision), duplicate
Packaging and
information
Orderable
Added Section 7.3, Packaging Information
Information
Copyright © 2010–2013, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Links: AM1705


同様の部品番号 - AM1705DPTPA3

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
More results

同様の説明 - AM1705DPTPA3

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI-AM1705 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com