データシートサーチシステム |
|
AM3354ZCZD72 データシート(PDF) 5 Page - Texas Instruments |
|
AM3354ZCZD72 データシート(HTML) 5 Page - Texas Instruments |
5 / 236 page AM3359, AM3358, AM3357 AM3356, AM3354, AM3352 www.ti.com SPRS717F – OCTOBER 2011 – REVISED APRIL 2013 1.3 Description The AM335x microprocessors, based on the ARM Cortex-A8, are enhanced with image, graphics processing, peripherals and industrial interface options such as EtherCAT and PROFIBUS. The device supports the following high-level operating systems (HLOSs) that are available free of charge from TI: • Linux® • Android™ The AM335x microprocessor contains these subsystems: • Microprocessor unit (MPU) subsystem based on the ARM Cortex-A8 microprocessor. • POWERVR SGX™ Graphics Accelerator subsystem for 3D graphics acceleration to support display and gaming effects. • The Programmable Real-Time Unit and Industrial Communication Subsystem (PRU-ICSS) is separate from the ARM core, allowing independent operation and clocking for greater efficiency and flexibility. The PRU-ICSS enables additional peripheral interfaces and real-time protocols such as EtherCAT, PROFINET, EtherNet/IP, PROFIBUS, Ethernet Powerlink, Sercos, and others. Copyright © 2011–2013, Texas Instruments Incorporated Device Summary 5 Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 |
同様の部品番号 - AM3354ZCZD72 |
|
同様の説明 - AM3354ZCZD72 |