データシートサーチシステム |
|
TLC1549CDRG4 データシート(PDF) 6 Page - Texas Instruments |
|
TLC1549CDRG4 データシート(HTML) 6 Page - Texas Instruments |
6 / 17 page TLC1549C, TLC1549I, TLC1549M 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL SLAS059C – DECEMBER 1992 – REVISED MARCH 1995 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 SC Threshold Detector NODE 512 REF – REF+ ST 512 VI To Output Latches 1 1 2 4 8 16 128 256 REF+ REF+ REF+ REF+ REF+ REF+ REF – REF – REF – REF – REF – REF – REF – REF – ST ST ST ST ST ST ST ST Figure 1. Simplified Model of the Successive-Approximation System chip-select operation The trailing edge of CS starts all modes of operation, and CS can abort a conversion sequence in any mode. A high-to-low transition on CS within the specified time during an ongoing cycle aborts the cycle, and the device returns to the initial state (the contents of the output data register remain at the previous conversion result). Care should be exercised to prevent CS from being taken low close to completion of conversion because the output data may be corrupted. reference voltage inputs There are two reference inputs used with the TLC1549: REF + and REF –. These voltage values establish the upper and lower limits of the analog input to produce a full-scale and zero reading respectively. The values of REF +, REF –, and the analog input should not exceed the positive supply or be lower than GND consistent with the specified absolute maximum ratings. The digital output is at full scale when the input signal is equal to or higher than REF + and at zero when the input signal is equal to or lower than REF –. |
同様の部品番号 - TLC1549CDRG4 |
|
同様の説明 - TLC1549CDRG4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |