データシートサーチシステム |
|
TLJA107M0040500 データシート(PDF) 2 Page - AVX Corporation |
|
TLJA107M0040500 データシート(HTML) 2 Page - AVX Corporation |
2 / 4 page SEPTEMBER 2013 I 33 TLJ Series Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series Capacitance Rated Voltage DC to 40°C / 0.5DC to 85°C / 0.2DC to 125°C μF Code 2.5V (e) 4V (G) 6.3V (J) 10V (A) 16V (C) 20V (D) 35V (V) 6.8 685 10 106 N(2500) S(2200) T(1000) R(2000,3000) 15 156 R(2000) 22 226 N(5400)/R(3500) K(1800)/N(3800) T(1000) R(3800) K(1700)/N(8000) K(1500)/N(9600) 33 336 N(8000)/R(3000) P(3000)/R(3000) P(3500) T(1000) R(3500)/S(1500) K(1500)/N(4000) K(1500)/N(8300) A(600)/G(1500) 47 476 P(3000)/R(3000) P(700,900,1800,2500) P(3200)/R(3200) R(3200)/S(1500) S(1500)/T(600) K(1200)/N(8000) A(500)/G(800) 68 686 P(3000) S(1500)/T(600) A(1500) R(2900)/S(1500) A(500)/G(800) A(500,800)/G(800) A(1400) 100 107 N(5200)/P(2700) P(5400)/T(800) H(900)/T(900) S(1400) 150 157 A(800)/T(800) A(900)/G(2500) B(500) H(900)/T(1200) W(150,200) 220 227 T(1100) A(1100)/G(3000) B(500)/T(2000) F(300) H(900)/T(1100) W(200) 330 337 T(2700)/W(200) F(300) 470 477 680 687 Y(100,150) 1000 108 1500 158 CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE) Available Ratings, (ESR ratings in mOhms in brackets) Engineering samples - please contact manufacturer *Codes under development - subject to change Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards. |
同様の部品番号 - TLJA107M0040500 |
|
同様の説明 - TLJA107M0040500 |