データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP82050 データシート(PDF) 9 Page - InnovASIC, Inc

部品番号 TP82050
部品情報  Asynchronous Serial Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INNOVASIC [InnovASIC, Inc]
ホームページ  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TP82050 データシート(HTML) 9 Page - InnovASIC, Inc

Back Button TP82050 Datasheet HTML 5Page - InnovASIC, Inc TP82050 Datasheet HTML 6Page - InnovASIC, Inc TP82050 Datasheet HTML 7Page - InnovASIC, Inc TP82050 Datasheet HTML 8Page - InnovASIC, Inc TP82050 Datasheet HTML 9Page - InnovASIC, Inc TP82050 Datasheet HTML 10Page - InnovASIC, Inc TP82050 Datasheet HTML 11Page - InnovASIC, Inc TP82050 Datasheet HTML 12Page - InnovASIC, Inc TP82050 Datasheet HTML 13Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 9 of 22
1-888-824-4184
®
3.
Functional Overview
3.1
Transmitter
The Transmit function consists of a one-character FIFO, and a Transmit Engine. The transmit
engine is responsible for reading the data out of the FIFO and placing it in the proper order on
the TXD pin. The transmit engine is highly configurable to be compatible with numerous
formats, including 16450 and 8250 modes of communication. Transmit Communication
parameters that can be programmed include:
Parity modes
Stop Bits
Character Length
For more details, see Chapter 5, Register Descriptions.
3.2
Receiver
The Receiver function consists of a one-character FIFO and a receive engine. The receive
engine is responsible for sampling the data on the RXD input pin, formatting the data, and
placing the data in the FIFO. The receive engine is highly configurable with parameters that
include:
Parity modes
Stop Bits
Character Length
For more details, see Chapter 5, Register Descriptions.
3.3
Bus Interface
The Bus Interface is a simple interface that allows a micro-processor or micro-controller to read
and write the IA82050 Registers. It consists of the following I/O lines:
A0, A1, A2 : 3-Bit Address
D0-D7 :
8-Bit Data
RDn:
Active Low Read Enable
WRn:
Active Low Write Enable
CSn:
Active Low Chip Select
INT:
Interrupt Output
RESET:
Chip Reset


同様の部品番号 - TP82050

メーカー部品番号データシート部品情報
logo
Shenzhen Tianyuan Semic...
TP8205 TPOWER-TP8205 Datasheet
584Kb / 6P
   High precision double winding primary feedback LED constant current driver chip
More results

同様の説明 - TP82050

メーカー部品番号データシート部品情報
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com