データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPSC10H065G-TR データシート(PDF) 8 Page - STMicroelectronics

部品番号 STPSC10H065G-TR
部品情報  650 V power Schottky silicon carbide diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065G-TR データシート(HTML) 8 Page - STMicroelectronics

  STPSC10H065G-TR Datasheet HTML 1Page - STMicroelectronics STPSC10H065G-TR Datasheet HTML 2Page - STMicroelectronics STPSC10H065G-TR Datasheet HTML 3Page - STMicroelectronics STPSC10H065G-TR Datasheet HTML 4Page - STMicroelectronics STPSC10H065G-TR Datasheet HTML 5Page - STMicroelectronics STPSC10H065G-TR Datasheet HTML 6Page - STMicroelectronics STPSC10H065G-TR Datasheet HTML 7Page - STMicroelectronics STPSC10H065G-TR Datasheet HTML 8Page - STMicroelectronics STPSC10H065G-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STPSC10H065
8/9
Doc ID 023604 Rev 2
3
Ordering information
4
Revision history
Table 9.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPSC10H065D
STPSC10H065D
TO-220AC
1.86 g
50
Tube
STPSC10H065G-TR
STPSC10H065G
D2PAK
1.48 g
1000
Tape and reel
STPSC10H065B-TR
STPSC 10H065
DPAK
0.32 g
2500
Tape and reel
Table 10.
Document revision history
Date
Revision
Changes
31-Aug-2012
1
First issue.
10-Oct-2012
2
Added Max. value to Table 3.


同様の部品番号 - STPSC10H065G-TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
   650 V, 10 A high surge silicon carbide power Schottky diode
March 2021 Rev 1
STPSC10H065GY-TR STMICROELECTRONICS-STPSC10H065GY-TR Datasheet
560Kb / 11P
   Automotive 650 V power Schottky silicon carbide diode
February 2017 Rev 4
More results

同様の説明 - STPSC10H065G-TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
   650 V power Schottky silicon carbide diode
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021 Rev 2
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
   650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 3
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com