データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBT3906E6327 データシート(PDF) 9 Page - Infineon Technologies AG

部品番号 SMBT3906E6327
部品情報  PNP Silicon Switching Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3906E6327 データシート(HTML) 9 Page - Infineon Technologies AG

Back Button SMBT3906E6327 Datasheet HTML 4Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 5Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 6Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 7Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 8Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 9Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 10Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 11Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2012-08-21
9
SMBT3906...MMBT3906
Package SC74
Package Outline
Foot Print
Standard Packing
0.5
0.95
54
6
3
2
1
1.1 MAX.
(0.35)
(2.25)
±0.2
2.9
B
0.2
+0.1
-0.05
0.35
Pin 1
marking
M
B 6x
0.95
1.9
0.15 -0.06
+0.1
A
A
0.2 M
0.1 MAX.
4
3.15
Pin 1
marking
0.2
1.15
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
For symmetric types no defined Pin 1 orientation in reel.
Manufacturer
2005, June
Date code (Year/Month)
BCW66H
Type code
Pin 1 marking
Laser marking
Marking Layout (Example)
Small variations in positioning of
Date code, Type code and Manufacture are possible.


同様の部品番号 - SMBT3906E6327

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SMBT3906 INFINEON-SMBT3906 Datasheet
110Kb / 7P
   PNP Silicon Switching Transistor
Jul-28-2003
SMBT3906 INFINEON-SMBT3906 Datasheet
888Kb / 13P
   High DC current gain: 0.1 mA to 100 mA Low collector-emitter saturation voltage
2008-02-29
logo
ON Semiconductor
SMBT3906DW1 ONSEMI-SMBT3906DW1 Datasheet
132Kb / 6P
   Dual General Purpose Transistor
July, 2013 ??Rev. 5
SMBT3906DW1T1G ONSEMI-SMBT3906DW1T1G Datasheet
132Kb / 6P
   Dual General Purpose Transistor
July, 2013 ??Rev. 5
logo
Siemens Semiconductor G...
SMBT3906S SIEMENS-SMBT3906S Datasheet
68Kb / 8P
   PNP Silicon Switching Transistor Array
More results

同様の説明 - SMBT3906E6327

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
   PNP Silicon Switching Transistors
PZT2907 SIEMENS-PZT2907 Datasheet
127Kb / 6P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
BSS80 INFINEON-BSS80 Datasheet
59Kb / 6P
   PNP Silicon Switching Transistors
Nov-30-2001
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
   SWITCHING TRANSISTORS (PNP SILICON)
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com