データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC2574IPW データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLC2574IPW
部品情報  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2574IPW データシート(HTML) 6 Page - Texas Instruments

Back Button TLC2574IPW Datasheet HTML 2Page - Texas Instruments TLC2574IPW Datasheet HTML 3Page - Texas Instruments TLC2574IPW Datasheet HTML 4Page - Texas Instruments TLC2574IPW Datasheet HTML 5Page - Texas Instruments TLC2574IPW Datasheet HTML 6Page - Texas Instruments TLC2574IPW Datasheet HTML 7Page - Texas Instruments TLC2574IPW Datasheet HTML 8Page - Texas Instruments TLC2574IPW Datasheet HTML 9Page - Texas Instruments TLC2574IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
6
WWW.TI.COM
general electrical characteristics over recommended operating free-air temperature range, single-
ended input, normal long sampling, 200 KSPS, AVDD = 5 V, VREFP = 4 V, VREFM = 0 V,
SCLK frequency = 25 MHz, fixed channel at CONV mode 00, analog input signal source
resistance = 25
Ω (unless otherwise noted)
TLC3574/78 and TLC2574/78
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Resolution
14
bits
Analog Input
Voltage range
−10
10
V
Selected analog input channel bias current
Selected channel at 10 V
0.8
1.6
mA
Selected analog input channel bias current
Selected channel at –10 V
−1.6
−1.2
mA
Impedance
10
k
Capacitance
30
pF
Reference
VREFP
Positive reference voltage
3.96
4
4.04
V
VREFM
Negative reference voltage
0
AGND
V
Input impedance
No conversion (AVDD = 5V, CS= DVDD,
SCLK=DGND)
100
M
Input impedance
Normal long sampling (AVDD = 5V, CS=DGND,
SCLK = 25 MHz, External conversion clock)
8.3
12.5
k
No conversion (AVDD = 5 V,
SCLK = DGND, CS = DVDD)
1.5
µA
Reference current
Normal long sampling (AVDD = 5 V, CS = DGND,
External conversion clock, SCLK = 25 MHz,
VREF = 5 V)
0.4
0.6
mA
Internal oscillation frequency
DVDD = 2.7 V – 5.5 V
6.5
MHz
Internal OSC, 6.5 MHz minimum
TLC3574/78
2.785
t(conv)
Conversion time
Internal OSC, 6.5 MHz minimum
TLC2574/78
2.015
S
t(conv)
Conversion time
Conversion clock is external source,
TLC3574/78
2.895
µS
Conversion clock is external source,
SCLK = 25 MHz (see Note 1)
TLC2574/78
2.095
Acquisition time
Normal short sampling
1.2
µS
Throughput rate (see Note 2)
Normal long sampling, fixed channel
in mode 00 or 01
200
KSPS
† All typical values are at TA = 25°C.
NOTES:
1. Conversion time t(conv) is (18 × 4 × SCLK) + 15 ns for TLC3574/78. Conversion time is (13 × 4 × SCLK) + 15 ns for TLC2574/78.
2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required
to overcome the memory effect of the charge redistribution DAC.


同様の部品番号 - TLC2574IPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2574IPW TI-TLC2574IPW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC2574IPWG4 TI-TLC2574IPWG4 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
More results

同様の説明 - TLC2574IPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com