データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3106D1VFPRG4 データシート(PDF) 11 Page - Texas Instruments

部品番号 TPA3106D1VFPRG4
部品情報  40-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3106D1VFPRG4 データシート(HTML) 11 Page - Texas Instruments

Back Button TPA3106D1VFPRG4 Datasheet HTML 7Page - Texas Instruments TPA3106D1VFPRG4 Datasheet HTML 8Page - Texas Instruments TPA3106D1VFPRG4 Datasheet HTML 9Page - Texas Instruments TPA3106D1VFPRG4 Datasheet HTML 10Page - Texas Instruments TPA3106D1VFPRG4 Datasheet HTML 11Page - Texas Instruments TPA3106D1VFPRG4 Datasheet HTML 12Page - Texas Instruments TPA3106D1VFPRG4 Datasheet HTML 13Page - Texas Instruments TPA3106D1VFPRG4 Datasheet HTML 14Page - Texas Instruments TPA3106D1VFPRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
0
5
10
15
20
25
10
11
12
13
14
SupplyVoltage – V
THD+N=10%
THD+N=1%
R =4
Gain=20dB
L
W
V
-SupplyVoltage-V
CC
10
12
14
16
18
20
22
24
26
THD+N=10%
THD+N=1%
R =8
Gain=20dB
L
W
5
10
15
20
25
30
35
40
45
PLACEHOLDER
0
10
20
30
40
50
60
70
80
90
0.1
3
7
11
15
19
23
PowerOut – W
R =4
V
=12V
L
W
CC
PLACEHOLDER
0
10
20
30
40
50
60
70
80
90
0.1
3
7
15
11
19
23
27
31
35
39
PowerOut – W
100
V
=18V
CC
V
=12V
CC
R =6
L
W
TPA3106D1
www.ti.com
SLOS516C – OCTOBER 2007 – REVISED AUGUST 2010
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 15.
Figure 16.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER (BTL)
OUTPUT POWER (BTL)
Figure 17.
Figure 18.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA3106D1


同様の部品番号 - TPA3106D1VFPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3106D1VFPR TI-TPA3106D1VFPR Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3106D1VFPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3106D1 TI-TPA3106D1 Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com