データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8099 データシート(PDF) 9 Page - Analog Devices

部品番号 AD8099
部品情報  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8099 データシート(HTML) 9 Page - Analog Devices

Back Button AD8099 Datasheet HTML 5Page - Analog Devices AD8099 Datasheet HTML 6Page - Analog Devices AD8099 Datasheet HTML 7Page - Analog Devices AD8099 Datasheet HTML 8Page - Analog Devices AD8099 Datasheet HTML 9Page - Analog Devices AD8099 Datasheet HTML 10Page - Analog Devices AD8099 Datasheet HTML 11Page - Analog Devices AD8099 Datasheet HTML 12Page - Analog Devices AD8099 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD8099
Data Sheet
Rev. D | Page 8 of 28
FREQUENCY (MHz)
1
5
8
7
6
12
11
10
9
14
13
15
10
100
1000
G = +5
VS = ±5V
VOUT = 2V p-p
RL = 100, SOIC
RL = 1k, SOIC
RL = 100, CSP
RL = 1k, CSP
Figure 17. Large Signal Frequency Response for Various Load Resistances
FREQUENCY (MHz)
1
0.001
0.1
1.0
10.0
0.01
100.0
10
100
1000
VS = ±5V
G = +2
Figure 18. Input Impedance vs. Frequency
FREQUENCY (MHz)
0.1
0.01
1
10
100
100
0.1
1
10
1000
G = +2
G = +5
G = +10
VS = ±5V
Figure 19. Output Impedance vs. Frequency for Various Gains
FREQUENCY (MHz)
1
5
8
7
6
12
11
10
9
14
13
15
10
100
1000
G = +5
RL = 1k
VOUT = 2V p-p
VS = ±2.5V, CSP
VS = ±2.5V, SOIC
VS = ±5V, CSP
VS = ±5V, SOIC
Figure 20. Large Signal Frequency Response for Various Supply Voltages
FREQUENCY (MHz)
0.1
–90
–80
–40
–60
–20
–50
–70
–30
–10
1
10
100
1000
SOIC
CSP
G = +2
RL = 1k
VS = ±5V
VDIS = 0V
Figure 21. Off Isolation vs. Frequency
FREQUENCY (MHz)
0.1
1.0
10.0
–120
–50
–100
–90
–80
–70
–60
–110
SOLID LINES – SECOND HARMONICS
DOTTED LINE – THIRD HARMONICS
SOLID LINES – SECOND HARMONICS
DOTTED LINES – THIRD HARMONICS
G = +5
VOUT = 2V p-p
VS = ±5V
RL = 100
SOIC
CSP
Figure 22. Harmonic Distortion vs. Frequency


同様の部品番号 - AD8099

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099 AD-AD8099 Datasheet
515Kb / 28P
   1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
AD8099 AD-AD8099 Datasheet
632Kb / 28P
   1 nV/?숰z, Low Power
REV. B
AD8099 AD-AD8099 Datasheet
490Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
AD8099ACP-R2 AD-AD8099ACP-R2 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
More results

同様の説明 - AD8099

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
AD8045 AD-AD8045_16 Datasheet
519Kb / 26P
   3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
AD8045 AD-AD8045 Datasheet
667Kb / 24P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
   Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
REV. A
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com