データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U120N データシート(PDF) 4 Page - Kersemi Electronic Co., Ltd.

部品番号 U120N
部品情報  Surface Mount (IRFR120N)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

U120N データシート(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  U120N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. U120N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. U120N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. U120N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. U120N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. U120N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. U120N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. U120N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. U120N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRFR/U120N
4
www.kersemi.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
100
200
300
400
500
600
1
1 0
100
DS
V
, D rain-to-S o urc e V oltage (V )
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o ss
d s
gd
C iss
C oss
C rss
0
4
8
12
16
20
0
5
10
15
20
25
Q
, T otal G ate C harge (nC )
G
V
= 80 V
V
= 50 V
V
= 20 V
DS
DS
DS
A
F O R TE S T CIR C U IT
S E E F IG U R E 1 3
I
= 5.7 A
D
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 2 5°C
J
V
= 0V
GS
V
, S ourc e-to-D rain V oltage (V )
SD
A
T = 17 5°C
J
0.1
1
10
100
1
1 0
100
1000
V
, D rain-to-S ource V oltage (V )
DS
O P E R A T IO N IN T H IS A R E A LIM IT E D
B Y R DS (on)
10µs
100µ s
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J


同様の部品番号 - U120N

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
U1202 EATON-U1202 Datasheet
1Mb / 36P
   Surge Protection
logo
List of Unclassifed Man...
U1206C220BCT ETC2-U1206C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206C220BCT ETC2-U1206C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206C220CCT ETC2-U1206C220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206C220DCT ETC2-U1206C220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

同様の説明 - U120N

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFR120NCLPBF IRF-IRFR120NCLPBF Datasheet
396Kb / 11P
   Surface Mount (IRFR120N)
logo
Kersemi Electronic Co.,...
IRFR120NPBF KERSEMI-IRFR120NPBF Datasheet
3Mb / 10P
   Surface Mount (IRFR120N) Straight Lead (IRFU120N)
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com