データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT240MTC データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74ACT240MTC
部品情報  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT240MTC データシート(HTML) 5 Page - Fairchild Semiconductor

  74ACT240MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT240MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT240MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT240MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT240MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT240MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT240MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT240MTC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT240MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC240, 74ACT240 Rev. 1.2.0
5
DC Electrical Characteristics for ACT
Notes:
4. All outputs loaded; thresholds on input associated with output under test.
5. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°CTA = −40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
4.5
VOUT = 0.1V or
VCC − 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW
Level Input Voltage
4.5
VOUT = 0.1V or
VCC − 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH Level
Output Voltage
4.5
IOUT = −50µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
4.5
VIN = VIL or VIH,
IOH = −24mA
3.86
3.76
5.5
VIN = VIL or VIH,
IOH = −24mA
(4)
4.86
4.76
VOL
Maximum LOW
Level Output Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
4.5
VIN = VIL or VIH,
IOL = 24mA
0.36
0.44
5.5
VIN = VIL or VIH,
IOL = 24mA
(4)
0.36
0.44
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOZ
Maximum 3-STATE
Leakage Current
5.5
VI = VIL, VIH;
VO = VCC, GND
±0.25
±2.5
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC − 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
Output Current(5)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
−75
mA
ICC
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA


同様の部品番号 - 74ACT240MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACT240MTC FAIRCHILD-74ACT240MTC Datasheet
88Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ACT240MTC FAIRCHILD-74ACT240MTC Datasheet
502Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74ACT240MTC ONSEMI-74ACT240MTC Datasheet
337Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.2.0
More results

同様の説明 - 74ACT240MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com