データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX00 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LCX00
部品情報  Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX00 データシート(HTML) 1 Page - Fairchild Semiconductor

  74LCX00 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX00 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX00 Rev. 1.7.0
February 2008
74LCX00
Low Voltage Quad 2-Input NAND Gate
with 5V Tolerant Inputs
Features
5V tolerant inputs
2.3V–3.6V VCC specifications provided
5.2ns tPD max. (VCC = 3.3V), 10µA ICC max.
Power down high impedance inputs and outputs
±24mA output drive (VCC = 3.0V)
Latch-up performance exceeds JEDEC 78 conditions
ESD performance:
– Human body model
> 2000V
– Machine model
> 200V
Leadless DQFN package
General Description
The LCX00 contains four 2-input NAND gates. The
inputs tolerate voltages up to 7V allowing the interface of
5V systems to 3V systems.
The 74LCX00 is fabricated with advanced CMOS tech-
nology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Ordering Information
Note:
1. DQFN package available in Tape and Reel only.
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74LCX00M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX00SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX00BQX(1)
MLP14A
14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74LCX00MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Implements proprietary noise/EMI reduction circuitry


同様の部品番号 - 74LCX00

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX00 ONSEMI-74LCX00 Datasheet
750Kb / 14P
   Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results

同様の説明 - 74LCX00

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX132 STMICROELECTRONICS-74LVX132 Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX38 FAIRCHILD-74LCX38 Datasheet
124Kb / 7P
   Low Voltage Quad 2-Input NAND Gate (Open Drain) with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com