データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLR-U2905PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLR-U2905PBF
部品情報  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLR-U2905PBF データシート(HTML) 2 Page - International Rectifier

  IRLR-U2905PBF Datasheet HTML 1Page - International Rectifier IRLR-U2905PBF Datasheet HTML 2Page - International Rectifier IRLR-U2905PBF Datasheet HTML 3Page - International Rectifier IRLR-U2905PBF Datasheet HTML 4Page - International Rectifier IRLR-U2905PBF Datasheet HTML 5Page - International Rectifier IRLR-U2905PBF Datasheet HTML 6Page - International Rectifier IRLR-U2905PBF Datasheet HTML 7Page - International Rectifier IRLR-U2905PBF Datasheet HTML 8Page - International Rectifier IRLR-U2905PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U2905PbF
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 25A, VGS = 0V
„
trr
Reverse Recovery Time
–––
80
120
ns
TJ = 25°C, IF = 25A
Qrr
Reverse RecoveryCharge
–––
210
320
nC
di/dt = 100A/µs
„‡
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
42
…
160
A
‚ VDD = 25V, starting TJ = 25°C, L =470µH
RG = 25Ω, IAS = 25A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
† This is applied for I-PAK, LS of D-PAK is measured between
lead and center of die contact.
‡ Uses IRLZ44N data and test conditions.
ƒ ISD ≤ 25A, di/dt ≤ 270A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.070 –––
V/°C Reference to 25°C, ID = 1mA
–––
––– 0.027
VGS = 10V, ID = 25A
„
–––
––– 0.030
W
VGS = 5.0V, ID = 25A
„
–––
––– 0.040
VGS = 4.0V, ID = 21A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
21
–––
–––
S
VDS = 25V, ID = 25A
‡
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -16V
Qg
Total Gate Charge
–––
–––
48
ID = 25A
Qgs
Gate-to-Source Charge
–––
–––
8.6
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
25
VGS = 5.0V, See Fig. 6 and 13
„‡
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 28V
tr
Rise Time
–––
84
–––
ns
ID = 25A
td(off)
Turn-Off Delay Time
–––
26
–––
RG = 3.4Ω, VGS = 5.0V
tf
Fall Time
–––
15
–––
RD = 1.1Ω, See Fig. 10
„‡
Between lead,
6mm (0.25in.)
from package
and center of die contact
†
Ciss
Input Capacitance
–––
1700 –––
VGS = 0V
Coss
Output Capacitance
–––
400
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
150
–––
ƒ = 1.0MHz, See Fig. 5
‡
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
IGSS
S
D
G
LS
InternalSourceInductance
–––
7.5
–––
RDS(on)
StaticDrain-to-SourceOn-Resistance
LD
InternalDrainInductance
–––
4.5
–––
IDSS
Drain-to-SourceLeakageCurrent
… Caculated continuous current based on maximum allowable
junction temperature;
Package limitation current = 20A.


同様の部品番号 - IRLR-U2905PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR/U120NPBF IRF-IRLR/U120NPBF Datasheet
299Kb / 11P
   Surface Mount (IRLR120N)
logo
Fairchild Semiconductor
IRLR/U230A FAIRCHILD-IRLR/U230A Datasheet
231Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRLR/U2703 IRF-IRLR/U2703 Datasheet
173Kb / 10P
   POWER MOSFET
IRLR/U2705 IRF-IRLR/U2705 Datasheet
193Kb / 10P
   HEXFET POWER MOSFET
IRLR/U2905 IRF-IRLR/U2905 Datasheet
135Kb / 10P
   HEXFET Power MOSFET
More results

同様の説明 - IRLR-U2905PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com