データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD2742B データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FOD2742B
部品情報  Optically Isolated Error Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2742B データシート(HTML) 5 Page - Fairchild Semiconductor

  FOD2742B Datasheet HTML 1Page - Fairchild Semiconductor FOD2742B Datasheet HTML 2Page - Fairchild Semiconductor FOD2742B Datasheet HTML 3Page - Fairchild Semiconductor FOD2742B Datasheet HTML 4Page - Fairchild Semiconductor FOD2742B Datasheet HTML 5Page - Fairchild Semiconductor FOD2742B Datasheet HTML 6Page - Fairchild Semiconductor FOD2742B Datasheet HTML 7Page - Fairchild Semiconductor FOD2742B Datasheet HTML 8Page - Fairchild Semiconductor FOD2742B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2742A, FOD2742B, FOD2742C Rev. 1.0.0
5
Electrical Characteristics (T
A = 25°C unless otherwise specified) (Continued)
Output Characteristics
Transfer Characteristics
Isolation Characteristics
Switching Characteristics
Notes:
1. Device is considered as a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
2. Common mode transient immunity at output high is the maximum tolerable (positive) dVcm/dt on the leading edge
of the common mode impulse signal, Vcm, to assure that the output will remain high. Common mode transient
immunity at output low is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common pulse
signal,Vcm, to assure that the output will remain low.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEO
Collector Dark Current
VCE = 10V (Fig. 5)
1
50
nA
BVECO
Emitter-Collector Voltage
Breakdown
IE = 100µA
7
10
V
BVCEO
Collector-Emitter Voltage
Breakdown
IC = 1.0mA
70
120
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CTR
Current Transfer Ratio
ILED = 10mA, VCOMP = VFB,
VCE = 5V (Fig. 6)
100
140
200
%
VCE (SAT)
Collector-Emitter
Saturation Voltage
ILED = 10mA, VCOMP = VFB,
IC = 2.5mA (Fig. 6)
0.16
0.4
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
II-O
Input-Output Insulation
Leakage Current
RH = 45%, TA = 25°C, t = 5s,
VI-O = 3000 VDC (Note 1)
1.0
µA
VISO
Withstand Insulation Voltage
RH
≤ 50%, T
A = 25°C,
t = 1 min. (Note 1)
2500
Vrms
RI-O
Resistance (Input to Output)
VI-O = 500 VDC (Note 1)
1012
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BW
Bandwidth
Fig. 7
50
kHz
CMH
Common Mode Transient
Immunity at Output HIGH
ILED = 0mA, Vcm = 10 VPP
RL = 2.2k
Ω (Fig. 8) (Note 2)
1.0
kV/µs
CML
Common Mode Transient
Immunity at Output LOW
ILED = 10mA, Vcm = 10 VPP
RL = 2.2k
Ω (Fig. 8) (Note 2)
1.0
kV/µs


同様の部品番号 - FOD2742B

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD2742B FAIRCHILD-FOD2742B Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742B FAIRCHILD-FOD2742B Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2742BR2V FAIRCHILD-FOD2742BR2V Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2742BV FAIRCHILD-FOD2742BV Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results

同様の説明 - FOD2742B

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com