データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD2742C データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FOD2742C
部品情報  Optically Isolated Error Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2742C データシート(HTML) 3 Page - Fairchild Semiconductor

  FOD2742C Datasheet HTML 1Page - Fairchild Semiconductor FOD2742C Datasheet HTML 2Page - Fairchild Semiconductor FOD2742C Datasheet HTML 3Page - Fairchild Semiconductor FOD2742C Datasheet HTML 4Page - Fairchild Semiconductor FOD2742C Datasheet HTML 5Page - Fairchild Semiconductor FOD2742C Datasheet HTML 6Page - Fairchild Semiconductor FOD2742C Datasheet HTML 7Page - Fairchild Semiconductor FOD2742C Datasheet HTML 8Page - Fairchild Semiconductor FOD2742C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2742A, FOD2742B, FOD2742C Rev. 1.0.0
3
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1. Derate linearly from 25°C at a rate of 2.42mW/°C
2. Derate linearly from 25°C at a rate of 1.42mW/°C.
3. Derate linearly from 25°C at a rate of 2.42mW/°C.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-25 to +85
°C
Reflow Temperature Profile (refer to page 14)
VLED
Input Voltage
37
V
ILED
Input DC Current
20
mA
VCEO
Collector-Emitter Voltage
70
V
VECO
Emitter-Collector Voltage
7
V
IC
Collector Current
50
mA
PD1
Input Power Dissipation(1)
145
mW
PD2
Transistor Power Dissipation(2)
85
mW
PD3
Total Power Dissipation(3)
145
mW


同様の部品番号 - FOD2742C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD2742C FAIRCHILD-FOD2742C Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742C FAIRCHILD-FOD2742C Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742CR2 FAIRCHILD-FOD2742CR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2742CR2V FAIRCHILD-FOD2742CR2V Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2742CV FAIRCHILD-FOD2742CV Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results

同様の説明 - FOD2742C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com