データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD580LH データシート(PDF) 6 Page - Analog Devices

部品番号 AD580LH
部品情報  High Precision, 2.5 V IC Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD580LH データシート(HTML) 6 Page - Analog Devices

  AD580LH Datasheet HTML 1Page - Analog Devices AD580LH Datasheet HTML 2Page - Analog Devices AD580LH Datasheet HTML 3Page - Analog Devices AD580LH Datasheet HTML 4Page - Analog Devices AD580LH Datasheet HTML 5Page - Analog Devices AD580LH Datasheet HTML 6Page - Analog Devices AD580LH Datasheet HTML 7Page - Analog Devices AD580LH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD580
Rev. B | Page 6 of 8
The consistent voltage versus temperature performance of a
typical AD580 is shown in Figure 7. Note that the characteristic
is quasi-parabolic, not the possible S type characteristics of
classical Zener references. This parabolic characteristic permits
a maximum output deviation specification over the device’s full
operating temperature range, rather than just at 3 to 5 discrete
temperatures.
2.51
2.50
2.49
2.48
2.47
2.46
–55
–30
0
25
50
75
100
125
TEMPERATURE (
°C)
MAXIMUM
VOLTAGE CHANGE
FROM 0
°C TO 70°C
Figure 7. Typical AD580K Output Voltage vs. Temperature
The AD580M guarantees a maximum deviation of 1.75 mV
over the 0°C to 70°C temperature range. This can be shown to
be equivalent to 10 ppm/°C average maximum; i.e.,
average
C
ppm
V
C
mV
max
/
10
5
.
2
1
70
max
75
.
1
°
=
×
°
The AD580 typically exhibits a variation of 1.5 mV over the
power supply range of 7 V to 30 V. Figure 8 is a plot of AD580
line rejection versus frequency.
NOISE PERFORMANCE
Figure 9 represents the peak-to-peak noise of the AD580 from
1 Hz (3 dB point) to a 3 dB high end shown on the horizontal
axis. Peak-to-peak noise from 1 Hz to 1 MHz is approximately
600 µV.
140
130
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
LINE FREQUENCY (Hz)
AD580
k e OUT p-p
e = 23V p-p
E = 18.5V
E IN COMPOSITE (17V
V
IN 30V)
Figure 8. AD580 Line Rejection Plot
1mV
100
µV
10
µV
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 9. Peak-to-Peak Output Noise vs. Frequency
5V
500
µA
Figure 10. Input Current vs. Input Voltage (Integral Loads)
THE AD580 AS A CURRENT LIMITER
The AD580 represents an excellent alternative to current limiter
diodes that require factory selection to achieve a desired
current. This approach often results in temperature coefficients
of 1%/C. The AD580 approach is not limited to a specially
selected factory set current limit; it can be programmed from
1 mA to 10 mA with the insertion of a single external resistor.
The approximate temperature coefficient of current limit for the
AD580 used in this mode is 0.13%/°C for ILIM = 1 mA and
0.01%/°C for ILIM = 13 mA (see Figure 11). Figure 10 displays
the high output impedance of the AD580 used as a current
limiter for ILIM = 1, 2, 3, 4, and 5 mA.
BOTTOM VIEW OF
2.5V PRECISION
REFERENCE CIRCUIT
IN TO-52 CASE
AD580
V+
V–
OUTPUT
R
LOAD
2.5V
2.5V
R
i
+ 1mA
Figure 11. A Two-Component Precision Current Limiter


同様の部品番号 - AD580LH

メーカー部品番号データシート部品情報
logo
Analog Devices
AD580LH AD-AD580LH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580LH AD-AD580LH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
More results

同様の説明 - AD580LH

メーカー部品番号データシート部品情報
logo
Analog Devices
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com